Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVH1206D750C131TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NVH1206D750C131TRF
Description  Surface Mount Varistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVH1206D750C131TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NVH1206D750C131TRF Datasheet HTML 1Page - NIC-Components Corp. NVH1206D750C131TRF Datasheet HTML 2Page - NIC-Components Corp. NVH1206D750C131TRF Datasheet HTML 3Page - NIC-Components Corp. NVH1206D750C131TRF Datasheet HTML 4Page - NIC-Components Corp. NVH1206D750C131TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Varistor
NVH Series
NVH1210 SPECIFICATIONS (STANDARD PACKAGE)
Part Number
Max. Working
Voltage <20mA
Varistor
Voltage
@1mA DC
Volts
Max. Clamping
Voltage
Rated Single Pulse Transient
Typical Capacitance*
@1.0Vrms, 1KHz
(pF)
8/20ms
Volts
*1
ESD
Volts
*2
Energy
10/1000ms
(Joules)
Peak Current
8/20ms
(Amps)
VDC
VAC
RMS
NVH1210D5R5C402TRF
5.5
4.0
10.0 ~ 14.0
18
5.0
0.7
400
4000
NVH1210D090C382TRF
9.0
6.4
12.0 ~ 16.0
20
5.0
0.9
400
3800
NVH1210D120C322TRF
12.0
8.5
13.0 ~ 19.0
25
5.0
10
400
3200
NVH1210D140C272TRF
14.0
10.0
16.0 ~ 22.0
30
5.0
1.2
400
2700
NVH1210D180C202TRF
18.0
12.7
22.0 ~ 28.0
40
5.0
1.5
400
2000
NVH1210D220C162TRF
22.0
15.6
26.0 ~ 34.0
45
5.0
1.7
400
1600
NVH1210D260C142TRF
26.0
18.4
31.0 ~ 38.0
58
5.0
1.9
400
1400
NVH1210D300C122TRF
30.0
21.3
37.0 ~ 46.0
65
5.0
1.7
300
1200
NVH1210D330C112TRF
33.0
23.4
39.0 ~ 49.0
72
5.0
1.7
300
1100
NVH1210D380C102TRF
38.0
30.0
46.0 ~ 54.0
75
5.0
2.0
300
1000
NVH1210D420C801TRF
42.0
32.0
48.0 ~ 58.0
86
5.0
2.0
300
800
NVH1210D480C701TRF
48.0
34.1
54.0 ~ 67.0
100
5.0
2.0
300
700
NVH1210D560C601TRF
56.0
40.0
61.0 ~ 75.0
120
5.0
2.3
300
600
NVH1210D600C451TRF
60.0
46.0
69.0 ~ 83.0
130
5.0
2.0
300
450
NVH1210D650C321TRF
65.0
50.0
73.0 ~ 91.0
140
5.0
1.6
300
320
NVH1210D750C301TRF
75.0
55.0
85.0 ~ 103.0
160
5.0
1.6
200
300
NVH1210D850C251TRF
85.0
60.0
90.0 ~ 110.0
170
5.0
2.0
200
250
NVH1210D101C181TRF
100
75.0
108.0 ~ 132.0
200
5.0
1.6
200
180
NVH1812 SPECIFICATIONS (STANDARD PACKAGE)
Part Number
Max. Working
Voltage <20mA
Varistor
Voltage
@1mA DC
Volts
Max. Clamping
Voltage
Rated Single Pulse Transient
Typical Capacitance*
@1.0Vrms, 1KHz
(pF)
8/20ms
Volts
*1
ESD
Volts
*2
Energy
10/1000ms
(Joules)
Peak Current
8/20ms
(Amps)
VDC
VAC
RMS
NVH1812D5R5C712TRF
5.5
4.0
10.0 ~ 14.0
18
5.0
1.0
800
7100
NVH1812D090C602TRF
9.0
6.4
12.0 ~ 16.0
20
5.0
1.2
800
6000
NVH1812D120C512TRF
12.0
8.5
13.0 ~ 19.0
25
5.0
1.5
800
5100
NVH1812D140C432TRF
14.0
10.0
16.0 ~ 22.0
30
5.0
1.9
800
4300
NVH1812D180C362TRF
18.0
12.7
22.0 ~ 28.0
40
5.0
2.3
800
3600
NVH1812D220C262TRF
22.0
15.6
26.0 ~ 34.0
45
5.0
2.5
800
2600
NVH1812D260C242TRF
26.0
18.4
31.0 ~ 38.0
58
5.0
3.0
800
2400
NVH1812D300C202TRF
30.0
21.3
37.0 ~ 46.0
65
5.0
3.7
800
2000
NVH1812D330C182TRF
33.0
23.4
39.0 ~ 49.0
72
5.0
3.7
800
1800
NVH1812D380C162TRF
38.0
30.0
46.0 ~ 54.0
75
5.0
4.2
800
1600
NVH1812D420C142TRF
42.0
32.0
48.0 ~ 58.0
86
5.0
4.0
600
1400
NVH1812D480C122TRF
48.0
34.1
54.0 ~ 67.0
100
5.0
4.0
600
1200
NVH1812D560C102TRF
56.0
40.0
61.0 ~ 75.0
120
5.0
4.3
600
1000
NVH1812D600C901TRF
60.0
46.0
69.0 ~ 83.0
130
5.0
4.3
600
900
NVH1812D650C781TRF
65.0
50.0
73.0 ~ 91.0
140
5.0
4.0
600
780
NVH1812D750C601TRF
75.0
55.0
85.0 ~ 103.0
160
5.0
4.0
500
600
NVH1812D850C451TRF
85.0
60.0
90.0 ~ 110.0
170
5.0
4.0
500
450
NVH1812D101C401TRF
100
75.0
108.0 ~ 132.0
200
5.0
4.0
500
400
*Capacitance Tolerance ±30%
*Capacitance Tolerance ±30%


Similar Part No. - NVH1206D750C131TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVH040N65S3F ONSEMI-NVH040N65S3F Datasheet
277Kb / 11P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
NVH050N65S3F ONSEMI-NVH050N65S3F Datasheet
286Kb / 9P
   MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 50 m, 58 A
October, 2020-Rev. 0
NVH082N65S3F ONSEMI-NVH082N65S3F Datasheet
300Kb / 12P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
November, 2020-Rev. 0
NVH4L015N065SC1 ONSEMI-NVH4L015N065SC1 Datasheet
355Kb / 8P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 650 V, 12 m, 142 A
September, 2021 ??Rev. 3
NVH4L018N075SC1 ONSEMI-NVH4L018N075SC1 Datasheet
353Kb / 8P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 750 V, 13.5 m, 140 A
September, 2021-Rev. 3
More results

Similar Description - NVH1206D750C131TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVX NIC-NVX Datasheet
221Kb / 9P
   Surface Mount Varistor
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com