Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWL40 Datasheet(PDF) 4 Page - XP Power Limited

Part # JWL40
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JWL40 Datasheet(HTML) 4 Page - XP Power Limited

  JWL40 Datasheet HTML 1Page - XP Power Limited JWL40 Datasheet HTML 2Page - XP Power Limited JWL40 Datasheet HTML 3Page - XP Power Limited JWL40 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
JWL40
C1
-Vout
+Vout
C3
C2
JWL40
C1
-Vout
+Vout
-Vin
+Vin
-Vin
+Vin
C4
C2
Common
JWL40
Bottom View
Trim Up
Ru
6
5
4
1
2
3
JWL40
Bottom View
Trim Down Rd
6
5
4
1
2
3
JWL40 Series
www.xppower.com
22 Aug 16
DC-DC Converter
Application Notes
Class
Model
C1
C2
C3
C4
Single Output
24V
4.7µF/50V 1812 MLCC
1000 pF/2kV 1808 MLCC
1000 pF/2kV 1808 MLCC
None
48V
2.2µF/50V 1812 MLCC
1000 pF/2kV 1808 MLCC
1000 pF/2kV 1808 MLCC
Dual Output
24V
4.7µF/50V 1812 MLCC
1000 pF/2kV 1808 MLCC
None
1000 pF/2kV 1808 MLCC
48V
2.2µF/50V 1812 MLCC
1000 pF/2kV 1808 MLCC
1000 pF/2kV 1808 MLCC
Models
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
Voutx0.99
Voutx0.98
Voutx0.97
Voutx0.96
Voutx0.95
Voutx0.94
Voutx0.93
Voutx0.92
Voutx0.91
Voutx0.90
3V3
72.61 k
32.55 k
19.20 k
12.52 k
8.51 k
5.84 k
3.94 k
2.51 k
1.39 k
0.50 k
5V
138.88 k
62.41 k
36.92 k
24.18 k
16.53 k
11.44 k
7.79 k
5.06 k
2.94 k
1.24 k
12V
413.55 k
184.55 k
108.22 k
70.05 k
47.15 k
31.88 k
20.98 k
12.80 k
6.44 k
1.35 k
15V
530.73 k
238.61 k
141.24 k
92.56 k
63.35 k
43.87 k
29.96 k
19.53 k
11.41 k
4.92 k
24V
333.39 k
148.80 k
87.26 k
56.50 k
38.04 k
25.73 k
16.94 k
10.35 k
5.22 k
1.12 k
External Output Trimming
EMI Filter for Conducted Emissions
Single Output
Dual Output
Trim Down Resistor Values (Rd)
Models
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
Voutx1.01
Voutx1.02
Voutx1.03
Voutx1.04
Voutx1.05
Voutx1.06
Voutx1.07
Voutx1.08
Voutx1.09
Voutx1.10
3V3
60.84 k
27.40 k
16.25 k
10.68 k
7.34 k
5.11 k
3.51 k
2.32 k
1.39 k
0.65 k
5V
106.87 k
47.76 k
28.06 k
18.21 k
12.30 k
8.36 k
5.55 k
3.44 k
1.79 k
0.48 k
12V
351.00 k
157.50 k
93.00 k
60.75 k
41.40 k
28.50 k
19.29 k
12.37 k
7.00 k
2.70 k
15V
422.77 k
189.89 k
112.26 k
73.44 k
50.15 k
34.63 k
23.54 k
15.22 k
8.75 k
3.58 k
24V
243.70 k
108.50 k
63.43 k
40.90 k
27.38 k
18.37 k
11.93 k
7.10 k
3.34 k
0.34 k
Trim Up Resistor Values (Ru)


Similar Part No. - JWL40

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWL11BA NKK-JWL11BA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
JWL11BA1 NKK-JWL11BA1 Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
JWL11BA1A-A NKK-JWL11BA1A-A Datasheet
312Kb / 9P
   General Specifications
JWL11BA1A-A NKK-JWL11BA1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWL11BA1A-B NKK-JWL11BA1A-B Datasheet
312Kb / 9P
   General Specifications
More results

Similar Description - JWL40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com