Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSM1012S12 Datasheet(PDF) 1 Page - XP Power Limited

Part # JSM1012S12
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JSM1012S12 Datasheet(HTML) 1 Page - XP Power Limited

  JSM1012S12 Datasheet HTML 1Page - XP Power Limited JSM1012S12 Datasheet HTML 2Page - XP Power Limited JSM1012S12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JSM10 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Notes
1. Input currents measured at nominal input voltage.
2. Input current is typically 5 mA at nominal input voltage when output is turned off with optional remote on/off.
3. Maximum capacitive load is per output.
4. Add suffix “-R” for optional remote on/off, “-HK” for optional heatsink or “-RHK” for optional remote on/off and heatsink.
• Regulated Single & Dual Output
• 2:1 Input Range
• 1” x 1” Package
• 1500 VDC Isolation
• Operating Temperature -40 °C to +100 °C
• ITE Safety Approvals
• Optional Remote On/Off
• Optional Heatsink
• Metal Case
• 3 Year Warranty
Dimensions:
JSM10:
1.00 x 1.00 x 0.40” (25.4 x 25.4 x 10.16 mm)
10 Watts
Models & Ratings
Input voltage
Output voltage
Output current
Input current(1,2)
Maximum
capacitive load(3)
Efficiency
Model number(4)
No load
Full load
9-18V
3V3
2.50 A
15 mA
840 mA
4700 µF
82%
JSM1012S3V3
5 V
2.00 A
980 mA
2200 µF
85%
JSM1012S05
5.1 V
2.00 A
1000 mA
2200 µF
85%
JSM1012S5V1
12 V
0.83 A
955 mA
330 µF
87%
JSM1012S12
15 V
0.67 A
950 mA
220 µF
88%
JSM1012S15
±5 V
±1.000 A
990 mA
±1000 µF
84%
JSM1012D05
±12 V
±0.416 A
955 mA
±150 µF
87%
JSM1012D12
±15 V
±0.333 A
955 mA
±100 µF
87%
JSM1012D15
18-36V
3V3
2.50 A
12 mA
415 mA
4700 µF
83%
JSM1024S3V3
5 V
2.00 A
490 mA
2200 µF
85%
JSM1024S05
5.1 V
2.00 A
500 mA
2200 µF
85%
JSM1024S5V1
12 V
0.83 A
470 mA
330 µF
88%
JSM1024S12
15 V
0.67 A
470 mA
220 µF
89%
JSM1024S15
±5 V
±1.000 A
490 mA
±1000 µF
85%
JSM1024D05
±12 V
±0.416 A
475 mA
±150 µF
88%
JSM1024D12
±15 V
±0.333 A
470 mA
±100 µF
89%
JSM1024D15
36-75V
3V3
2.50 A
10 mA
205 mA
4700 µF
83%
JSM1048S3V3
5 V
2.00 A
240 mA
2200 µF
86%
JSM1048S05
5.1 V
2.00 A
250 mA
2200 µF
85%
JSM1048S5V1
12 V
0.83 A
235 mA
330 µF
89%
JSM1048S12
15 V
0.67 A
235 mA
220 µF
89%
JSM1048S15
±5 V
±1.000 A
240 mA
±1000 µF
86%
JSM1048D05
±12 V
±0.416 A
240 mA
±150 µF
87%
JSM1048D12
±15 V
±0.333 A
235 mA
±100 µF
88%
JSM1048D15


Similar Part No. - JSM1012S12

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JSM1-12V-4 NAIS-JSM1-12V-4 Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
JSM1-12V-5 NAIS-JSM1-12V-5 Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
JSM1-9V-4 NAIS-JSM1-9V-4 Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
JSM1-9V-5 NAIS-JSM1-9V-5 Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
JSM1A-12V-4 NAIS-JSM1A-12V-4 Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
More results

Similar Description - JSM1012S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com