Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHL0212S3V3 Datasheet(PDF) 2 Page - XP Power Limited

Part # IHL0212S3V3
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IHL0212S3V3 Datasheet(HTML) 2 Page - XP Power Limited

  IHL0212S3V3 Datasheet HTML 1Page - XP Power Limited IHL0212S3V3 Datasheet HTML 2Page - XP Power Limited IHL0212S3V3 Datasheet HTML 3Page - XP Power Limited IHL0212S3V3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IHL02 Series
www.xppower.com
2
DC-DC Converter
Models & Ratings
Notes
Input currents measured at nominal input voltage.
General
Characteristic
Minimum
Typical
maximum
Units
Notes & Conditions
Efficiency
80
%
See Models and Ratings table
Isolation: Input to Output
5200
VDC
Isolation Working Voltage
250
VAC
Isolation Resistance
109
Ω
Isolation Capacitance
7
pF
Switching Frequency
50
100
kHz
Power Density
23.7
W/in3
Mean Time Between Failure
3.3
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.006 (2.7)
lb (g)
Input Voltage
Output Voltage
Output Current
Input current
Maximum Capacitive
Load
Efficiency
Model Number
No Load
Full Load
4.5-5.5V
3V3
500 mA
40 mA
435 mA
1000 µF
76%
IHL0205S3V3
5 V
400 mA
40 mA
505 mA
470 µF
79%
IHL0205S05
9 V
222 mA
40 mA
480 mA
470 µF
83%
IHL0205S09
12 V
167 mA
40 mA
475 mA
220 µF
84%
IHL0205S12
15 V
133 mA
40 mA
470 mA
220 µF
85%
IHL0205S15
±5 V
±200 mA
40 mA
505 mA
±220 µF
79%
IHL0205D05
±9 V
±111 mA
40 mA
490 mA
±220 µF
82%
IHL0205D09
±12 V
±83.3 mA
40 mA
480 mA
±100 µF
83%
IHL0205D12
±15 V
±66.7 mA
40 mA
475 mA
±100 µF
84%
IHL0205D15
+15/-9 V
+66.7/-111 mA
40 mA
480 mA
+100/-220 µF
83%
IHL0205D1509
10.8-13.2V
3V3
500 mA
30 mA
185 mA
1000 µF
74%
IHL0212S3V3
5 V
400 mA
30 mA
210 mA
470 µF
79%
IHL0212S05
9 V
222 mA
30 mA
205 mA
470 µF
82%
IHL0212S09
12 V
167 mA
30 mA
205 mA
220 µF
82%
IHL0212S12
15 V
133 mA
30 mA
200 mA
220 µF
83%
IHL0212S15
±5 V
±200 mA
30 mA
210 mA
±220 µF
79%
IHL0212D05
±9 V
±111 mA
30 mA
205 mA
±220 µF
81%
IHL0212D09
±12 V
±83.3 mA
30 mA
200 mA
±100 µF
83%
IHL0212D12
±15 V
±66.7 mA
30 mA
200 mA
±100 µF
83%
IHL0212D15
+15/-9V
+66.7/-111 mA
30 mA
210 mA
+100/-220 µF
80%
IHL0212D1509
13.5-16.5V
3V3
500 mA
25 mA
150 mA
1000 µF
74%
IHL0215S3V3
5 V
400 mA
25 mA
170 mA
470 µF
78%
IHL0215S05
9 V
222 mA
25 mA
165 mA
470 µF
81%
IHL0215S09
12 V
167 mA
25 mA
165 mA
220 µF
82%
IHL0215S12
15 V
133 mA
25 mA
160 mA
220 µF
83%
IHL0215S15
±5 V
±200 mA
25 mA
170 mA
±220 µF
79%
IHL0215D05
±9 V
±111 mA
25 mA
165 mA
±220 µF
81%
IHL0215D09
±12 V
±83.3 mA
25 mA
160 mA
±100 µF
83%
IHL0215D12
±15 V
±66.7 mA
25 mA
165 mA
±100 µF
82%
IHL0215D15
+15/-9V
+66.7/-111 mA
25 mA
165 mA
+100/-220 µF
81%
IHL0215D1509
21.6-26.4V
3V3
500 mA
20 mA
95 mA
1000 µF
73%
IHL0224S3V3
5 V
400 mA
20 mA
105 mA
470 µF
78%
IHL0224S05
9 V
222 mA
20 mA
105 mA
470 µF
81%
IHL0224S09
12 V
167 mA
20 mA
105 mA
220 µF
81%
IHL0224S12
15 V
133 mA
20 mA
105 mA
220 µF
81%
IHL0224S15
±5 V
±200 mA
20 mA
105 mA
±220 µF
79%
IHL0224D05
±9 V
±111 mA
20 mA
105 mA
±220 µF
80%
IHL0224D09
±12 V
±83.3 mA
20 mA
105 mA
±100 µF
81%
IHL0224D12
±15 V
±66.7 mA
20 mA
100 mA
±100 µF
82%
IHL0224D15
+15/-9V
+66.7/-111 mA
20 mA
105 mA
+100/-220 µF
80%
IHL0224D1509


Similar Part No. - IHL0212S3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
   High Current Inductors
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
IHLD-3232HB-5A VISHAY-IHLD-3232HB-5A Datasheet
234Kb / 4P
   Low Profile, High Current Dual Inductors
Revision: 18-Dec-15
IHLD-3232HB-5A VISHAY-IHLD-3232HB-5A Datasheet
242Kb / 4P
   Low Profile, High Current Dual Inductors
Revision: 20-Oct-17
More results

Similar Description - IHL0212S3V3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com