Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHA0109S3V3 Datasheet(PDF) 3 Page - XP Power Limited

Part # IHA0109S3V3
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IHA0109S3V3 Datasheet(HTML) 3 Page - XP Power Limited

  IHA0109S3V3 Datasheet HTML 1Page - XP Power Limited IHA0109S3V3 Datasheet HTML 2Page - XP Power Limited IHA0109S3V3 Datasheet HTML 3Page - XP Power Limited IHA0109S3V3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
IHA01 Series
www.xppower.com
DC-DC Converter
3
Mechanical Details
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
±6/±8 kV
A
Contact/Air Discharge
Radiated Immunity
EN61000-4-3
10 Vrms
A
EFT/Burst
EN61000-4-4
2 kV
A
External components required,
see application notes
Conducted Immunity
EN61000-4-6
10 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
0.39 (9.8)
0.02
(0.5)
0.01
(0.25)
0.39
(9.8)
0.09
(2.4)
0.08
(2.13)
0.02
(0.5)
0.49
(12.5)
Printed
Face
12
5
7
6
0.77 (19.5)
0.60 (15.24)
0.12
(3.0)
0.02
(0.5)
0.47
(12.0)
0.10
(2.54)
1. All dimensions are in inches (mm)
2. Weight: 0.009 lbs (4.3 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class B
See Application Note
Radiated
EN55022
Class B
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+85
°C
No thermal derating
Storage Temperature
-40
+125
°C
Case Temperature
+100
°C
Humidity
2.5
95
%RH
Non-condensing
Cooling
Natural convection


Similar Part No. - IHA0109S3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHA VISHAY-IHA Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA VISHAY-IHA Datasheet
89Kb / 3P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
IHA-101 VISHAY-IHA-101 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA-102 VISHAY-IHA-102 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA-103 VISHAY-IHA-103 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
More results

Similar Description - IHA0109S3V3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com