Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUVC66 Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NUVC66
Description  Surface Mount UV LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NUVC66 Datasheet(HTML) 6 Page - NIC-Components Corp.

  NUVC66 Datasheet HTML 1Page - NIC-Components Corp. NUVC66 Datasheet HTML 2Page - NIC-Components Corp. NUVC66 Datasheet HTML 3Page - NIC-Components Corp. NUVC66 Datasheet HTML 4Page - NIC-Components Corp. NUVC66 Datasheet HTML 5Page - NIC-Components Corp. NUVC66 Datasheet HTML 6Page - NIC-Components Corp. NUVC66 Datasheet HTML 7Page - NIC-Components Corp. NUVC66 Datasheet HTML 8Page - NIC-Components Corp. NUVC66 Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
®
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Item
Conditions
Failure Critieria
Load Life 1
+25°C, 20mA for 500 hours
Forward Voltage (Vf): <110% of initial value
Radiant Flux (fe): >50% of initial value
Load Life 2
+25°C, 30mA for 500 hours
High Temperature
Load Life
+60°C, 10mA for 500 hours
Humidity Load Life
+60°C, 90% RH, 7mA for 500 hours
Load Temperature
Load Life
-40°C, 20mA for 500 hours
High Temperature Storage
+100°C for 500 hours
Low Temperature
Storage
-40°C for 500 hours
Temperature Cycling
100 Cycles
-40°C (30 minutes) ~ +25°C (5 minutes)
+100°C (30 minutes) ~ +25°C (5 minutes)
Resistance to Vibration
100Hz ~ 2,000Hz ~ 100Hz for 4 minutes,
200m/s2, 3 directions for 48 minutes total
ESD
(Human Body Model)
R = 1.5KW, C = 100pF
Test Voltage = 2KV
3 times negative/positive
Moisture Sensitivity
(MSL)
3 time reflow with peak temperature +260°C
Pre-conditioning: +60°C, 60% RH for 168 hours
RELIABILITY TEST
EMBOSSED PLASTIC TAPE DIMENSIONS (mm)
Type
Size
A ± 0.10 B ± 0.10
D +0.1/-0
E ± 0.10
F ± 0.1
P
0 ± 0.1
P
1 ± 0.1
P
2 ± 0.1
W ± 0.3
T ± 0.1
NUVC66
6.0 x 6.0
6.40
6.40
1.50
1.75
7.25
2.0
4.0
8.0
12.0
1.50
F
D
P
2
T
W
E
B
A
P
1
P
0
FEED DIRECTION
( + )
( - )
( + )
( - )
( + )
( - )
TAPE LEADER: 150mm ~ 600mm
EMPTY CARRIER AT START OF REEL: 40mm min.
EMPTY CARRIER AT END OF REEL: 40mm min.
Surface Mount UV LED
NUVC66 Series


Similar Part No. - NUVC66

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NUV101E NICHIA-NUV101E Datasheet
244Kb / 2P
   LD Slot Module
NUV101E NICHIA-NUV101E Datasheet
105Kb / 2P
   LD Slot Module
NUV101E NICHIA-NUV101E_16 Datasheet
105Kb / 2P
   LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
206Kb / 2P
   LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
113Kb / 2P
   LD Slot Module
More results

Similar Description - NUVC66

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NUVA66 NIC-NUVA66 Datasheet
872Kb / 12P
   Surface Mount UV LED
NUVA35 NIC-NUVA35 Datasheet
640Kb / 10P
   Surface Mount UV LED
NUVA33 NIC-NUVA33 Datasheet
1Mb / 11P
   Surface Mount UV LED
logo
Luminus, Inc
SST-10-UV LUMINUS-SST-10-UV Datasheet
2Mb / 13P
   Surface Mount UV LED
logo
NIC-Components Corp.
NUVA77 NIC-NUVA77 Datasheet
778Kb / 13P
   Surface Mount UV LED
logo
Bivar, Inc.
SM1206UV-400-IL BIVAR-SM1206UV-400-IL Datasheet
622Kb / 5P
   SURFACE MOUNT LED 400 nm, 1206 UV IL PACKAGE
Revision B 09/10
SM1206UV-405-IL BIVAR-SM1206UV-405-IL Datasheet
622Kb / 5P
   SURFACE MOUNT LED 405 nm, 1206 UV IL PACKAGE
Revision B 09/10
SM1206UV-395-IL BIVAR-SM1206UV-395-IL Datasheet
623Kb / 5P
   SURFACE MOUNT LED 395 nm, 1206 UV IL PACKAGE
Revision B 09/10
logo
Roithner LaserTechnik G...
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
   UV LED
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
   UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com