Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CL1M0P Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SLE66CL1M0P
Description  32-Bit Security Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CL1M0P Datasheet(HTML) 9 Page - Infineon Technologies AG

  SLE66CL1M0P Datasheet HTML 1Page - Infineon Technologies AG SLE66CL1M0P Datasheet HTML 2Page - Infineon Technologies AG SLE66CL1M0P Datasheet HTML 3Page - Infineon Technologies AG SLE66CL1M0P Datasheet HTML 4Page - Infineon Technologies AG SLE66CL1M0P Datasheet HTML 5Page - Infineon Technologies AG SLE66CL1M0P Datasheet HTML 6Page - Infineon Technologies AG SLE66CL1M0P Datasheet HTML 7Page - Infineon Technologies AG SLE66CL1M0P Datasheet HTML 8Page - Infineon Technologies AG SLE66CL1M0P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SLE 88CF4000P
Short Product Information
9 / 9
12.2009
Glossary
AIS-31
Functionality classes and evaluation methodology guidelines for physical random number generators
defined by the German Institute for the Security of the Information Technology.
Caches
Cache memories are fast RAM memories integrated into the CPU (faster access than external RAM)
CRC
Cyclic Redundancy Check
CPU
Central Processing Unit
CMOS
Complementary Metal-Oxide Semiconductor (technology used to manufacture most of today's chips)
DES
Data Encryption Standard
EC
Elliptic Curves
EEPROM
Electrically Erasable Programmable Read-Only Memory (equivalent to NVM)
ESD
Electrostatic Discharge, release of static electricity that can damage a chip
ETSI
European Telecommunication Standards Institute
GSM
Global System for Mobile Communication
HBM
Human Body Model
ISO/IEC
International Organization for Standardization/International Electrotechnical Commission
MED
Memory Encryption Decryption unit
MMU
Memory Management Unit
NVM
Non Volatile Memory
OS
Operating System
PRNG
Pseudo Random Number Generator
RAM
Random Access Memory
RISC
Reduced Instruction Set Computer
ROM
Read-Only Memory
RSA
Rivest, Shamir and Adleman, inventors of the RSA cryptosystem
T=0, T=1
Communication Protocols defined in ISO 7816 standard
TRNG
True Random Number Generator
UART
Universal Asynchronous Receiver/Transmitter
UICC
Universal Integrated Circuit Card
Sales code name
For ordering information please contact your Infineon local sales representative
SLE
88 C
400
0
..
SLE: IFX name
S: Solitary Digital Circuits
L: Free selectable
E: Temperature range
(-25°C up to +85°C)
Features:
F: Flash product
L: Contact-less interface
U: USB interface
N: SWP interface
Ordinal number :
e.g. : 0,2
Chip Family:
66: 8-bit/16-bit
76: 16-bit
78: Dual 16-bit
88: 32-bit
C: Controller
EEPROM size:
256: 256 kBytes
400: 400 kBytes
1M: 1MB
1M5: 1.5MB
Add. Features
P: Plus
X
X: Crypto Controller


Similar Part No. - SLE66CL1M0P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL160S INFINEON-SLE66CL160S Datasheet
212Kb / 8P
   SECURITY & CHIP CARD ICS
2001-12-06
SLE66CL160S-C INFINEON-SLE66CL160S-C Datasheet
212Kb / 8P
   SECURITY & CHIP CARD ICS
2001-12-06
SLE66CL160S-M84 INFINEON-SLE66CL160S-M84 Datasheet
212Kb / 8P
   SECURITY & CHIP CARD ICS
2001-12-06
More results

Similar Description - SLE66CL1M0P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
ELM Electronics
ELM365 ELM-ELM365 Datasheet
30Kb / 4P
   SECURITY SYSTEM CONTROLLER
logo
Fairchild Semiconductor
FM3580 FAIRCHILD-FM3580 Datasheet
107Kb / 11P
   5-Bit VID Controller with PC Security Element
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
   32-bitQuad Integrated Communication Controller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
logo
Epson Company
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com