Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUVA33 Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NUVA33
Description  Surface Mount UV LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NUVA33 Datasheet(HTML) 1 Page - NIC-Components Corp.

  NUVA33 Datasheet HTML 1Page - NIC-Components Corp. NUVA33 Datasheet HTML 2Page - NIC-Components Corp. NUVA33 Datasheet HTML 3Page - NIC-Components Corp. NUVA33 Datasheet HTML 4Page - NIC-Components Corp. NUVA33 Datasheet HTML 5Page - NIC-Components Corp. NUVA33 Datasheet HTML 6Page - NIC-Components Corp. NUVA33 Datasheet HTML 7Page - NIC-Components Corp. NUVA33 Datasheet HTML 8Page - NIC-Components Corp. NUVA33 Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount UV LED
NUVA33 Series
FEATURES
• SURFACE MOUNT 3.4mm x 3.4mm x 2.37mm
• WAVELENGTH 365 ~ 405nm FOR UV CURING, PHOTO CATALYST
& SENSOR LIGHTING
• RoHS COMPLIANT
• COMPATIBLE WITH REFLOW SOLDERING
• TAPE AND REEL PACKAGING
SPECIFICATIONS
Case Sizes
33 (3.4x3.4x2.37mm)
Wavelength
365nm ~ 405nm (nominal)
Forward Current
500mA
Radiant Flux
870mW ~ 1,110mW (typical)
Power Dissipation
3.08W (365nm), 2.66W (385, 395 & 405nm)
Operating Temperature*
-10°C ~ +85°C
Junction Temperature (Tj)
+90°C ~ +125°C max.
Thermal Resistance (Typical) Note 1
4.5°C/W
Viewing Angle (2 q 1/2)
130°
*After soldering storage temperature is -40°C ~ +100°C
COMPONENT DIMENSIONS
Item
Dimension (mm)
L
3.40
R
f
3.10
H1
2.37
H2
0.68
H3
0.82
W
3.40
T1
1.30
T2
2.30
T3
3.20
Wt
3.20
L
W
Anode Marking
R
H1
H2
H3
T1
Wt
T2
T3
3
2
1
Internal Circuit Diagram
Cathode
Anode
Termination Connection
1
Anode
2
Thermal Pad
3
Cathode
Note 1 - Rthj-c = Thermal Resistance (Junction - Case)
Tolerance: ±0.13
WAVELENGTH CODES
Code
Nominal Wavelength
R
365nm
T
385nm
U
395nm
V
405nm
* See page 2 for definitions
NUVA33 U395 TR F
F = RoHS Compliant
TR = Tape & Reel Packaging
Wavelength Code*
Series Prefix
PART NUMBERING SYSTEM


Similar Part No. - NUVA33

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NUVA35 NIC-NUVA35 Datasheet
640Kb / 10P
   Surface Mount UV LED
More results

Similar Description - NUVA33

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NUVA66 NIC-NUVA66 Datasheet
872Kb / 12P
   Surface Mount UV LED
NUVA35 NIC-NUVA35 Datasheet
640Kb / 10P
   Surface Mount UV LED
logo
Luminus, Inc
SST-10-UV LUMINUS-SST-10-UV Datasheet
2Mb / 13P
   Surface Mount UV LED
logo
NIC-Components Corp.
NUVA77 NIC-NUVA77 Datasheet
778Kb / 13P
   Surface Mount UV LED
NUVC66 NIC-NUVC66 Datasheet
499Kb / 9P
   Surface Mount UV LED
logo
Bivar, Inc.
SM1206UV-400-IL BIVAR-SM1206UV-400-IL Datasheet
622Kb / 5P
   SURFACE MOUNT LED 400 nm, 1206 UV IL PACKAGE
Revision B 09/10
SM1206UV-405-IL BIVAR-SM1206UV-405-IL Datasheet
622Kb / 5P
   SURFACE MOUNT LED 405 nm, 1206 UV IL PACKAGE
Revision B 09/10
SM1206UV-395-IL BIVAR-SM1206UV-395-IL Datasheet
623Kb / 5P
   SURFACE MOUNT LED 395 nm, 1206 UV IL PACKAGE
Revision B 09/10
logo
Roithner LaserTechnik G...
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
   UV LED
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
   UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com