Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS64H Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS64H
Description  NPIS Shielded Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS64H Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS64H Datasheet HTML 1Page - NIC-Components Corp. NPIS64H Datasheet HTML 2Page - NIC-Components Corp. NPIS64H Datasheet HTML 3Page - NIC-Components Corp. NPIS64H Datasheet HTML 4Page - NIC-Components Corp. NPIS64H Datasheet HTML 5Page - NIC-Components Corp. NPIS64H Datasheet HTML 6Page - NIC-Components Corp. NPIS64H Datasheet HTML 7Page - NIC-Components Corp. NPIS64H Datasheet HTML 8Page - NIC-Components Corp. NPIS64H Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
Standard Values - Case Size 62 (6.8 x 7.0 x 3.0)
Inductance Value (μH)
Test Conditions
DC Resistance (Ω)
DC Current Isat/Irms (Amps)
NPIS62H3R3MTRF
3.3 ± 20%
100k, 0.3V
0.068
1.94
NPIS62H4R7MTRF
4.7 ± 20%
100k, 0.3V
0.08
1.63
NPIS62H5R6MTRF
5.6 ± 20%
100k, 0.3V
0.096
1.4
NPIS62H100MTRF
10 ± 20%
1k, 0.3V
0.015
1.1
NPIS62H120MTRF
12 ± 20%
1k, 0.3V
0.2
1
NPIS62H150MTRF
15 ± 20%
1k, 0.3V
0.23
0.9
NPIS62H180MTRF
18 ± 20%
1k, 0.3V
0.27
0.8
NPIS62H220MTRF
22 ± 20%
1k, 0.3V
0.34
0.74
NPIS62H270MTRF
27 ± 20%
1k, 0.3V
0.38
0.66
NPIS62H330MTRF
33 ± 20%
1k, 0.3V
0.45
0.59
NPIS62H390MTRF
39 ± 20%
1k, 0.3V
0.49
0.54
NPIS62H470MTRF
47 ± 20%
1k, 0.3V
0.69
0.5
NPIS62H560MTRF
56 ± 20%
1k, 0.3V
0.78
0.46
NPIS62H680MTRF
68 ± 20%
1k, 0.3V
1.07
0.42
NPIS62H820MTRF
82 ± 20%
1k, 0.3V
1.21
0.38
NPIS62H101MTRF
100 ± 20%
1k, 0.3V
1.39
0.34
NPIS62H121MTRF
120 ± 20%
1k, 0.3V
1.9
0.31
NPIS62H151MTRF
150 ± 20%
1k, 0.3V
2.18
0.28
NPIS62H181MTRF
180 ± 20%
1k, 0.3V
2.77
0.26
NPIS62H221MTRF
220 ± 20%
1k, 0.3V
3.12
0.23
NPIS62H271MTRF
270 ± 20%
1k, 0.3V
4.38
0.22
NPIS62H331MTRF
330 ± 20%
1k, 0.3V
4.94
0.19
NPIS__H Series
NPIS Shielded Power Inductors
Irms/Isat specification is based on +40°C temperature rise or -25% inductance change whichever is less.


Similar Part No. - NPIS64H

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS64H220MTRF NIC-NPIS64H220MTRF Datasheet
449Kb / 12P
   NPIS Shielded Power Inductors
NPIS64H270MTRF NIC-NPIS64H270MTRF Datasheet
449Kb / 12P
   NPIS Shielded Power Inductors
NPIS64H330MTRF NIC-NPIS64H330MTRF Datasheet
449Kb / 12P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS64H

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com