Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1452A Datasheet(PDF) 11 Page - Keysight Technologies

Part # U1452A
Description  Insulation Resistance Testers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1452A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button U1452A Datasheet HTML 7Page - Keysight Technologies U1452A Datasheet HTML 8Page - Keysight Technologies U1452A Datasheet HTML 9Page - Keysight Technologies U1452A Datasheet HTML 10Page - Keysight Technologies U1452A Datasheet HTML 11Page - Keysight Technologies U1452A Datasheet HTML 12Page - Keysight Technologies U1452A Datasheet HTML 13Page - Keysight Technologies U1452A Datasheet HTML 14Page - Keysight Technologies U1452A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11 | Keysight | U1450A/U1460A Insulation Resistance Testers - Data Sheet
U1453A/U1461A adjustable DC test voltage speciications
Adjusted DC test voltage specifications with accuracy of ± (% of reading + number of least significant digit)1, 2
Range
Resolution
Accuracy
Rate current
1100 V
1 V
0.5% + 1
1 mA nominal
1.
The minimum test voltage may be set from 10 V
2.
The indication at the rated output voltage across a resistor with a value of UN × (1000 Ω/V) shall not differ by more than 10% relative to the indi-
cated value, as a result of possibly present AC voltage components in the output voltage, when a capacitor of 1 µF is connected in parallel with
the insulation resistance to be measured
U1451A/U1452A/U1452AT DC voltage speciications
DC voltage specifications with accuracy of ± (% of reading + number of least significant digit)
Accuracy
Function
Range
Resolution
U1451A
U1452A/U1452AT
Input impedance
Voltage1
6 V
0.001 V
0.5% + 2
0.2% + 2
10 MΩ (nominal)
60 V
0.01 V
0.5% + 2
0.2% + 2
10 MΩ (nominal)
600 V
0.1 V
0.5% + 2
0.2% + 2
10 MΩ (nominal)
1000 V
1 V
0.5% + 2
0.2% + 2
10 MΩ (nominal)
1.
DC V overload protection: 1000 V
RMS
U1453A/U1461A DC voltage speciications
DC voltage specifications with accuracy of ± (% of reading + number of least significant digit)
Function
Range
Resolution
Accuracy
Input impedance
Voltage
60 mV1
0.01 mV
0.09% + 1
10 MΩ3
600 mV1
0.1 mV
0.09% + 1
10 MΩ3
6 V2
0.001 V
0.09% + 1
11.11 MΩ
60 V2
0.01 V
0.09% + 1
10.1 MΩ
600 V2
0.1 V
0.09% + 1
10 MΩ
1000 V2
1 V
0.09% + 1
10 MΩ
1.
The following statements are true for DC mV measurements:
– DC mV measurements are for model U1461A only
– The accuracy is speciied after the Null function is used to subtract the thermal effect (by shorting the test leads)
– DC mV overload protection: 1000 VRMS for short circuits with < 0.3 A current
2.
DC V overload protection: 1000 VRMS
3.
The input impedance may be set to > 1 GΩ in the Setup menu
U1451A/U1452A/U1452AT AC voltage speciications
AC voltage specifications with accuracy of ± (% of reading + number of least significant digit)
Accuracy
Function
Range
Resolution
45 to 400 Hz
Voltage1
6 V
0.001 V
2.0% + 3
60 V
0.01 V
2.0% + 3
600 V
0.1 V
2.0% + 3
1000 V
1 V
2.0% + 3
1.
The following statements are true for resistance measurements:
– AC V overload protection: 1000 V
RMS
– AC V input impedance: 10 MΩ in parallel with < 100 pF (nominal)
– The input signal is lower than the product of 1,000,000 V×Hz


Similar Part No. - U1452A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1450A KEYSIGHT-U1450A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
   Insulation Resistance Testers
More results

Similar Description - U1452A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1461A KEYSIGHT-U1461A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
   Insulation Resistance Testers
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
   High Insulation Resistance
90D DBLECTRO-90D Datasheet
778Kb / 2P
   High Insulation Resistance
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
   Logic Testers / Memory Testers
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com