Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1281A Datasheet(PDF) 14 Page - Keysight Technologies

Part # U1281A
Description  U1280 Series Handheld Digital Multimeters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1281A Datasheet(HTML) 14 Page - Keysight Technologies

Back Button U1281A Datasheet HTML 10Page - Keysight Technologies U1281A Datasheet HTML 11Page - Keysight Technologies U1281A Datasheet HTML 12Page - Keysight Technologies U1281A Datasheet HTML 13Page - Keysight Technologies U1281A Datasheet HTML 14Page - Keysight Technologies U1281A Datasheet HTML 15Page - Keysight Technologies U1281A Datasheet HTML 16Page - Keysight Technologies U1281A Datasheet HTML 17Page - Keysight Technologies U1281A Datasheet HTML 18Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14 | Keysight | U1280 Series Handheld Digital Multimeters - Data Sheet
Duty cycle and pulse width for U1281A / U1282A1,2,3
Duty cycle mode
Range
Accuracy at full scale
DC coupling
99.999%
0.3 % per kHz + 0.3 %
AC coupling
99.999%
0.3 % per kHz + 0.3 %
Pulse width range
Resolution
Accuracy
99.999 ms
0.001 ms
Duty cycle accuracy / frequency + 1
999.99 ms
0.01 ms
Duty cycle accuracy / frequency + 1
2000.0 ms
0.1 ms
Duty cycle accuracy / frequency + 1
Notes
1. The accuracy for duty cycle and pulse width is based a square wave of full scale input to the 6 V
range. For AC coupling, the duty cycle range can be measured within 5 % to 95 % for signal
frequency more than 15 Hz.
2. The pulse width (positive or negative) must be more than 10 µs. The range of the pulse width is
determined by the frequency of the signal.
3. The range of the duty cycle is determined by the frequency of the signal: {10 µs x frequency x 100 %}
to {[1 –(10 µs x frequency)] x 100 %}
Peak hold for U1281A / U1282A
Signal width
Accuracy for DC mV / voltage / current
Single event > 1 ms
2 % + 400 for all ranges
Repetitive > 250 µs
2 % + 1000 for all ranges
dB specification for U1281A / U1282A
dB base
Reference
Default reference
1 mW (dBm)
1 to 9999 Ω
50 Ω
1 V (dBV)
1 V
1 V
Notes
1. The reading of dBm is indicated in decibels of power above or below 1 mW, or decibels of voltage
above or below 1 V. The formula is calculated according to the voltage measurement and specified
reference impedance. Its accuracy is depended on the accuracy of the voltage measurement.
2. Auto-ranging mode is used
3. The bandwidth is according to voltage measurement.


Similar Part No. - U1281A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1281A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1280 KEYSIGHT-U1280 Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com