Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3616 Datasheet(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3616 Datasheet(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
Data Sheet
15
BCD Semiconductor Manufacturing Limited
Jul. 2012 Rev. 1. 2
17.890(0.704)
0.204(0.008)
0o ~8o
18.190(0.716)
0.360(0.014)
0.400(0.016)
1.270(0.050)
10.000(0.394)
10.650(0.419)
7.400(0.291)
7.600(0.300)
0.230(0.009)
0.470(0.019)
0.100(0.004)
0.300(0.012)
2.280(0.090)
2.630(0.104)
2.180(0.086)
2.330(0.092)
0.800(0.031)TYP
5.050(0.199)
5.250(0.207)
Note: Eject hole, oriented hole and mold mark is optional.
HSOP-28
Unit: mm(inch)
Mechanical Dimensions (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn