Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3616 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3616 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
11
BCD Semiconductor Manufacturing Limited
Data Sheet
Jul. 2012 Rev. 1. 2
Typical Performance Characteristics (Continued)
VIN=24V, VEN=5V, RISET=30k,, TA=25oC, unless otherwise specified.
VOVP
1V/div
VFLAG
5V/div
VFB
1V/div
ICH
50mA/div
Figure 16. LED Open Protection
Figure 17. LED Short Protection
Time 400
µs/div
VSCP
1V/div
VFLAG
5V/div
VCH
5V/div
ICH
100mA/div
Time 4
µs/div
VGATE
5V/div
ICH
50mA/div
Time 2s/div
Figure 18. OTP and Recovery


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn