Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3616 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3616 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
Data Sheet
10
BCD Semiconductor Manufacturing Limited
Jul. 2012 Rev. 1. 2
0
2
4
6
8
10
12
14
16
60.0
60.2
60.4
60.6
60.8
61.0
61.2
61.4
61.6
61.8
62.0
62.2
62.4
62.6
62.8
63.0
63.2
63.4
63.6
Channel
T
A=-40
oC
T
A=125
oC
T
A=25
oC
Typical Performance Characteristics (Continued)
VIN=24V, VEN=5V, RISET=30k,, TA=25oC, unless otherwise specified.
Figure 12. Current per Channel vs. Channel
Figure 13. PWM Dimming (f=100Hz, Duty Cycle=50%)
VDIM
5V/div
VSYN
5V/div
VGATE
10V/div
ICH
50mA/div
Time 4ms/div
VDIM
5V/div
VSYN
5V/div
VGATE
10V/div
ICH
50mA/div
Figure 14. PWM Dimming (f=20kHz, Duty Cycle=50%)
Figure 15. Linear Dimming (VDIM=1.4V)
Time 20
µs/div
VSYNF
1V/div
VSYN
5V/div
VGATE
10V/div
ICH
100mA/div
Time 800
µs/div


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn