Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3616 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3616 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
Data Sheet
8
BCD Semiconductor Manufacturing Limited
Jul. 2012 Rev. 1. 2
Figure 4. Maximum Channel Current vs. Channel Voltage
Figure 5. Feedback Voltage vs. Feedback Current
Typical Performance Characteristics
VIN=24V, VEN=5V, RISET=30k,, TA=25oC, unless otherwise specified.
Figure 6. Channel Current vs. Linear Dimming Voltage
Figure 7. Current per Channel vs. Duty Cycle
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140
160
180
200
Channel Voltage (V)
4
6
8
10
12
14
16
18
20
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
Feedback Current (µA)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
10
20
30
40
50
60
70
Linear Dimming Voltage (V)
0
1020
30405060708090
100
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
Duty Cycle (%)
f=100Hz
f=20kHz
(PWM Dimming)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn