Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3616 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3616 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
5
BCD Semiconductor Manufacturing Limited
Data Sheet
Jul. 2012 Rev. 1. 2
Ordering Information
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOIC-28
-40 to 85oC
AP3616M-G1
AP3616M-G1
Tube
HSOP-28
AP3616M28-G1
AP3616M28-G1
Tube
Circuit Type
Package
G1: Green
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant and green.
Parameter
Symbol
Value
Unit
Input Voltage
VIN
30
V
FLAG Pin Voltage
VFLAG
30
V
EN Pin Voltage
VEN
30
V
Voltage on Each Channel
VCHX
-0.3 to 60
V
Voltage on Other Seperate Pins
-0.3 to 6
V
Thermal Resistance (Junction to
Ambient, No Heat Sink)
SOIC-28
θJA
72
oC/W
HSOP-28
59
oC/W
Operating Junction Temperature
TJ
150
oC
Lead Temperature (Soldering, 10sec)
TSTG
-65 to 150
oC
ESD (Human Body Model)
2000
V
ESD (Machine Model)
200
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Blank: Tube
M: SOIC-28
AP3616
-
M28:HSOP-28


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn