Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3616 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3616 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
Data Sheet
4
BCD Semiconductor Manufacturing Limited
Jul. 2012 Rev. 1. 2
EN
Bandgap
UVLO
VDD
Regulator
EN
VIN
GND
AGND
PGND
ISET
SYNF
+
_
+
_
2.2V
0.5V
RS
SET
RESET
13 A
Q_BAR
DIM
SYN
OVP
VREF
SCP
+
_
+
_
VDD
0.26V
FBX
FB
VCH 16 to 1
CH_IREF 1 to 16
FLAG
VREF
CH16
CH1
CH1_IREF
x1
x4
PGND
Open LED
Short LED
VDD
SCP
VDD=5V
2 A
AGND
AGND
x7
SCP
Latch
Block
VDS1
VDS1=VDD
200mV
Open
Detection
Short
Detection
SCP Open
Detection
x3120
x1
x1
OVP_EN
PWM
VREF
9(16)
10(17)
11(18)
12(19)
13(20)
14(21)
15(22)
17(24)
16(23)
18(25)
19(26)
20(27)
1
8
28
21
x4
13 A
1.194V
1
8
9
15
&
28
A(B)
A for SOIC-28
B fro HSOP-28
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3616
µ
µ
µ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn