Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM02040E20B1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMM02040E20B1
Description  Thin Film Mini-MELF Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM02040E20B1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SMM02040E20B1 Datasheet HTML 1Page - Vishay Siliconix SMM02040E20B1 Datasheet HTML 2Page - Vishay Siliconix SMM02040E20B1 Datasheet HTML 3Page - Vishay Siliconix SMM02040E20B1 Datasheet HTML 4Page - Vishay Siliconix SMM02040E20B1 Datasheet HTML 5Page - Vishay Siliconix SMM02040E20B1 Datasheet HTML 6Page - Vishay Siliconix SMM02040E20B1 Datasheet HTML 7Page - Vishay Siliconix SMM02040E20B1 Datasheet HTML 8Page - Vishay Siliconix SMM02040E20B1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
3
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
• Products according to EN 140401-803 can be ordered by using the related ordering code "SMM0204V...".
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: SMM02040C5620FB000
Part Number: SMM0204VC5620FB000
Part Number: OMM02040000000B000
TYPE / SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
SMM0204
OMM0204
0 = Neutral
V = EN 140401-803,
version A, nominal
failure rate level E0
E = ± 15 ppm/K
D = ± 25 ppm/K
C = ± 50 ppm/K
B = ± 100 ppm/K
0 = jumper
3 digit value
1 digit multiplier
0000 = Jumper
MULTIPLIER
7 = *10-3
2 = *102
8 = *10-2 3 = *103
9 = *10-1 4 = *104
0 = *100 5 = *105
1 = *101
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
0 = jumper
B1
B3
B0
Product Description: SMM0204 50 562R 1 % B0
Product Description: SMM0204 50 562R 1 % B0 EN803 E0
Product Description: OMM0204 0R0 B0
SMM0204
50
562R
1 %
B0
-
OMM0204
-
0R0
-
B0
-
TYPE / SIZE
TCR
RESISTANCE
TOLERANCE
PACKAGING
VERSION
SMM0204
OMM0204
± 15 ppm/K
± 25 ppm/K
± 50 ppm/K
± 100 ppm/K
100R = 100
Ω
2M21 = 2.21 M
Ω
0R0 = jumper
± 0.1 %
± 0.25 %
± 0.5 %
± 1 %
± 5 %
B1
B3
B0
02
M
M
S
0
4
0
C5
6
2
0
F
B0
0
0
02
M
M
O0
4
0
0
0
0
0
0
0
B
0
0
0


Similar Part No. - SMM02040E20B1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM02040E2BB0 VISHAY-SMM02040E2BB0 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040E2BB1 VISHAY-SMM02040E2BB1 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040E2BB3 VISHAY-SMM02040E2BB3 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040E2CB0 VISHAY-SMM02040E2CB0 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040E2CB1 VISHAY-SMM02040E2CB1 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
More results

Similar Description - SMM02040E20B1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com