Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC61C Datasheet(PDF) 7 Page - Torex Semiconductor

Part No. XC61C
Description  Low Voltage Detectors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC61C Datasheet(HTML) 7 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
XC61C
Series
MARK
VOLTAGE (V)
3
3
3.3
5
0
5.0
MARK
OUTPUT
CONFIGURATION
C
CMOS
N
N-ch
MARK
DELAY TIME
0
No delay
MARK
DETECT VOLTAGE ACCURACY
1
Within ± 1% (Semi-custom)
2
Within ± 2%
MARK
PRODUCTION YEAR
5
2005
6
2006
MARK
PRODUCT SERIES
1
C
XC61Cxxx0xDx
MARK
OUTPUT CONFIGURATION
PRODUCT SERIES
C
CMOS
XC61CCxx0xDx
N
N-ch
XC61CNxx0xDx
MARK
VOLTAGE (V)
PRODUCT SERIES
3
3
3.3
XC61Cx330xDx
5
0
5.0
XC61Cx500xDx
USP-6B, USP-6C
MARKING RULE (Continued)
Represents a least significant digit of production year
TO-92
Represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
* No character inversion used.
Represents output configuration
, ③Represents detect voltage (ex.)
Represents delay time
Represents detect voltage accuracy
, ②Represents product series
Represents output configuration
, ⑤Represents detect voltage
(ex.)
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used.
USP-6C
(TOP VIEW)
USP-6B
(TOP VIEW)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn