Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC61C Datasheet(PDF) 17 Page - Torex Semiconductor

Part No. XC61C
Description  Low Voltage Detectors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC61C Datasheet(HTML) 17 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/19
XC61C
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Standard Voltage (Continued)
(4) N-ch Driver Output Current vs. VDS
0
200
400
600
800
1000
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
VIN =0.8V
0.7V
Ta=25℃
0
200
400
600
800
1000
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
VIN =0.8V
0.7V
Ta=25℃
0
200
400
600
800
1000
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
VIN =0.8V
0.7V
Ta=25℃
0
200
400
600
800
1000
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
VIN =0.8V
0.7V
Ta=25℃
XC61CC1802
(1.8V)
XC61CC2702 (2
.7V)
XC61CC3602
(3.6V)
XC61CC4502
(4.5V)
(5) N-ch Driver Output Current vs. Input Voltage
0
5
10
15
0
0.5
1.0
1.5
2.0
VDS=0.5V
Ta=-40℃
85℃
25℃
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
2.5
3.0
VDS=0.5V
Ta=-40℃
85℃
25℃
0
5
10
15
20
25
30
01
23
4
VDS=0.5V
Ta=-40℃
85℃
25℃
0
10
20
30
40
0
1
23
45
VDS=0.5V
Ta=-40℃
25℃
85℃
XC61CC1802
(1.8V)
XC61CC2702
(2.7V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XC61CC3602
(3.6V)
XC61CC4502
(4.5V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn