Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC61C Datasheet(PDF) 14 Page - Torex Semiconductor

Part No. XC61C
Description  Low Voltage Detectors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC61C Datasheet(HTML) 14 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14/19
XC61C Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Low Voltage (Continued)
(4) N-ch Driver Output Current vs. VDS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
0.7V
VIN =0.8V
Ta=25℃
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
VIN =1.0V
Ta=25℃
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
0.7V
VIN =0.8V
Ta=25℃
0
2.0
4.0
6.0
8.0
0
0.2 0.4
0.6
0.8
1.0
1.2
1.4
VDS (V)
VIN =1.4V
Ta=25℃
1.2V
1.0V
XC61CC0902
(0.9V)
XC61CC1102
(1.1V)
XC61CC1502
(1.5V)
XC61CC1502
(1.5V)
(5) N-ch Driver Output Current vs. Input Voltage
0
0.5
1.0
1.5
2.0
2.5
0
0.2
0.4
0.6
0.8
1.0
VDS=0.5V
Ta=85℃
-40℃
25℃
0
1.0
2.0
3.0
4.0
5.0
0
0.2
0.4
0.6
0.8
1.0
1.2
VDS=0.5V
Ta=-40℃
80℃
25℃
0
2
4
6
8
10
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
VDS=0.5V
Ta=-40℃
85℃
25℃
XC61CC0902
(0.9V)
XC61CC1102
(1.1V)
XC61CC1502
(1.5V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
(6) P-ch Driver Output Current vs. Input Voltage
0
2
4
6
8
10
12
0
1
2345
6
VDS=2.1V
0.5V
Ta= 25℃
1.5V
1.0V
0
2
4
6
8
10
12
01
23
4
5
6
VDS=2.1V
0.5V
Ta= 25℃
1.5V
1.0V
0
2
4
6
8
10
12
01
2345
6
VDS=2.1V
0.5V
Ta= 25℃
1.5V
1.0V
XC61CC0902
(0.9V)
XC61CC1102 
(1.1V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XC61CC1502
(1.5V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
0.7V
VIN =0.8V
Ta=25℃
XC61CC1102
(1.1V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn