Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC61C Datasheet(PDF) 9 Page - Torex Semiconductor

Part No. XC61C
Description  Low Voltage Detectors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC61C Datasheet(HTML) 9 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
XC61C
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUITS
VDF(T)=0.8V~1.5V *1
VDF(T)=1.6V~6.0V *2
VDF(T)
x 0.98
VDF(T)
VDF(T)
x 1.02
V
1
Detect Voltage
VDF
VDF(T)=2.6V~5.0V *2
VDF(T)
x 0.99
VDF(T)
VDF(T)
x 1.01
V
1
Hysteresis Range
VHYS
VDF
x 0.02
VDF
x 0.05
VDF
x 0.08
V
1
VIN = 1.5V
-
0.7
2.3
VIN = 2.0V
-
0.8
2.7
VIN = 3.0V
-
0.9
3.0
VIN = 4.0V
-
1.0
3.2
Supply Current
ISS
VIN = 5.0V
-
1.1
3.6
μ
A
2
Operating Voltage *1
VDF(T) = 0.8V to 1.5V
0.7
-
6.0
Operating Voltage *2
VIN
VDF(T) = 1.6V to 6.0V
0.7
-
10.0
V
1
VIN = 0.7V
0.10
0.80
-
N-ch VDS = 0.5V
VIN = 1.0V
0.85
2.70
-
3
Output Current *1
CMOS, P-ch VDS = 2.1V
VIN = 6.0V
-
-7.5
-1.5
4
VIN = 1.0V
1.0
2.2
-
VIN = 2.0V
3.0
7.7
-
VIN = 3.0V
5.0
10.1
-
VIN = 4.0V
6.0
11.5
-
N-ch VDS = 0.5V
VIN = 5.0V
7.0
13.0
-
3
Output Current *2
IOUT
CMOS, P-ch VDS = 2.1V
VIN = 8.0V
-
-10.0
-2.0
mA
4
CMOS
-
10
-
Leak Current
Ileak
VIN=6.0V, VOUT=6.0V*1
VIN=10.0V, VOUT=10.0V*2
N-ch Open Drain
-
10
100
nA
3
Temperature
Characteristics
Δ
VDF
Δ
Topr・VDF
-40℃ ≦ Topr ≦ 85℃
-
±
100
-
ppm/
-
Delay Time
(VDR→VOUT inversion)
tDLY
Inverts from VDR to VOUT
-
0.03
0.20
ms
5
ELECTRICAL CHARACTERISTICS
VDF (T) = 0.8V to 6.0V ± 2%
VDF (T) = 2.6V to 5.0V ± 1%
NOTE:
*1: Low Voltage: VDF(T)=0.8V~1.5V
*2: Standard Voltage: VDF(T)=1.6V~6.0V
VDF (T): Setting detect voltage
Release Voltage: VDR = VDF + VHYS
Ta=25℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn