Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC61C Datasheet(PDF) 8 Page - Torex Semiconductor

Part No. XC61C
Description  Low Voltage Detectors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC61C Datasheet(HTML) 8 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8/19
XC61C Series
*1: Low voltage: VDF(T)=0.8V~1.5V
*2: Standard voltage: VDF(T)=1.6V~6.0V
PARAMETER
SYMBOL
RATINGS
UNITS
*1
9.0
Input Voltage
*2
VIN
12.0
V
Output Current
IOUT
50
mA
CMOS
VSS -0.3 ~ VIN +0.3
N-ch Open Drain Output *1
VSS -0.3 ~ 9.0
Output Voltage
N-ch Open Drain Output *2
VOUT
VSS -0.3 ~ 12.0
V
SSOT-24
150
SOT-23
250
SOT-25
250
SOT-89
500
TO-92
300
USP-6B
100
USP-6C
100
Power Dissipation
USP-4
Pd
120
mW
Operating Temperature Range
Topr
-40~+85
O
C
Storage Temperature Range
Tstg
-40~+125
O
C
BLOCK DIAGRAMS
ABSOLUTE MAXIMUM RATINGS
Ta = 25OC
(1) CMOS Output
(2) N-ch Open Drain Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn