Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75718KTTT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS75718KTTT
Description  FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75718KTTT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS75718KTTT Datasheet HTML 2Page - Texas Instruments TPS75718KTTT Datasheet HTML 3Page - Texas Instruments TPS75718KTTT Datasheet HTML 4Page - Texas Instruments TPS75718KTTT Datasheet HTML 5Page - Texas Instruments TPS75718KTTT Datasheet HTML 6Page - Texas Instruments TPS75718KTTT Datasheet HTML 7Page - Texas Instruments TPS75718KTTT Datasheet HTML 8Page - Texas Instruments TPS75718KTTT Datasheet HTML 9Page - Texas Instruments TPS75718KTTT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT
VOLTAGE REGULATORS
SLVS306D – NOVEMBER 2000 – REVISED MAY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = –40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 100 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.22 V
≤ VO ≤ 5.5 V, TJ = 25°C
VO
Adjustable voltage
1.22 V
≤ VO ≤ 5.5 V
0.97 VO
1.03 VO
V
Adjustable voltage
1.22 V
≤ VO ≤ 5.5 V, TJ = 0 to 125°C
(see Note 1)
0.98 VO
1.02 VO
V
1 5 V Output
TJ = 25°C,
2.8 V < VI < 5.5 V
1.5
V
Output voltage
1.5 V Output
2.8 V
≤ VI ≤ 5.5 V
1.455
1.545
V
Out ut voltage
(see Note 2)
1 8 V Output
TJ = 25°C,
2.8 V < VI < 5.5 V
1.8
V
(see Note 2)
1.8 V Output
2.8 V
≤ VI ≤ 5.5 V
1.746
1.854
V
2 5 V Output
TJ = 25°C,
3.5 V < VI < 5.5 V
2.5
V
2.5 V Output
3.5 V
≤ VI ≤ 5.5 V
2.425
2.575
V
3 3 V Output
TJ = 25°C,
4.3 V < VI < 5.5 V
3.3
V
3.3 V Output
4.3 V
≤ VI ≤ 5.5 V
3.201
3.399
V
Quiescent current (GND current)
TJ = 25°C
125
A
Quiescent current (GND current)
(see Notes 2 and 3)
200
µA
Output voltage line regulation (
∆VO/VO)
VO + 1 V ≤ VI ≤ 5.5 V, TJ = 25°C
0.04
%/V
Out ut voltage line regulation (
∆VO/VO)
(see Note 3)
VO + 1 V ≤ VI < 5.5 V
0.1
%/V
Load regulation (see Note 2)
0.35
%/V
Output noise voltage
TPS75715
BW = 300 Hz to 50 kHz, TJ = 25°C, VI = 2.8 V
35
µVrms
Output current limit
VO = 0 V
5.5
10
14
A
Thermal shutdown junction temperature
150
°C
Standby current
EN = VI,TJ = 25°C
0.1
µA
Standby current
EN = VI
10
µA
FB input current
TPS75701
FB = 1.5 V
–1
1
µA
Power supply ripple
rejection
TPS75715
f = 100 Hz,
TJ = 25°C,
VI = 2.8 V,
IO = 3 A
62
dB
Minimum input voltage for valid PG
IO(PG) = 300 µA,
V(PG) ≤ 0.8 V
0
V
PG trip threshold voltage
Fixed options only
VO decreasing
89
93
%VO
PG hysteresis voltage
Fixed options only
Measured at VO
0.5
%VO
PG output low voltage
Fixed options only
VI = 2.8 V,
IO(PG) = 1 mA
0.15
0.4
V
PG leakage current
Fixed options only
V(PG) = 5 V
1
µA
NOTES:
1. The adjustable option operates with a 2% tolerance over TJ = 0 to 125 °C.
2. IO = 1 mA to 3 A
3. If VO ≤ 2.5 V then VImin = 2.8 V, VImax = 5.5 V:
Line regulation (mV)
+ % V
V
O
V
Imax *
2.8 V
100
1000
If VO > 2.5 V then VImin = VO + 1 V, VImax = 5.5 V:
Line regulation (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000


Similar Part No. - TPS75718KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75718KTTT TI-TPS75718KTTT Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
TPS75718KTTT TI1-TPS75718KTTT Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75718KTTTG3 TI-TPS75718KTTTG3 Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
More results

Similar Description - TPS75718KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI1-TPS75715_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com