Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7123QU Datasheet(PDF) 17 Page - Vitesse Semiconductor Corporation

Part # VSC7123QU
Description  10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7123QU Datasheet(HTML) 17 Page - Vitesse Semiconductor Corporation

Back Button VSC7123QU Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 18Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
VE
LO
CIT
YT
M
VITESSE
SEMICONDUCTOR CORPORATION
VSC7123
10-Bit Transceiver for Fibre
Channel and Gigabit Ethernet
Data Sheet
G52212-0, Rev 4.3
Page 17
03/25//01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Thermal Considerations
The VSC7123 is packaged in a 14mm, thermally-enhanced PQFP with an internal heat spreader a 10 mm,
thermally enhanced PQFP and a 10mm cavity-down, exposed pad TQFP. These packages use industry-standard
EIAJ footprints, but have been enhanced to improve thermal dissipation. The construction of the packages is
shown in Figure 10.
Figure 10: PQFP Package Cross Section
Table 6: Thermal Resistance
The VSC7123 is designed to operate with a case temperature up to 95oC. The user must guarantee that the
case temperature specification is not violated. With the thermal resistances shown in Table 7, the 10mm
thermally-enhanced PQFP package can operate in still air ambient temperatures of 50oC [50oC = 95oC - 0.9W *
50 C/W]. The 14mm thermally-enhanced PQFP package can operate in still air ambient temperatures of 69oC
[69oC = 95oC - 0.9W * 29 C/W]. The TQFP package can operate in a still air ambient temperature of 59oC
[59oC = 95oC - 0.9W * 40 C/W]. If the ambient air temperature exceeds these limits, a form of cooling through
a heatsink or an increase in airflow must be provided.
Moisture Sensitivity Level
This device is rated at a Moisture Sensitivity Level 3 rating with maximum floor life of 168 hours at 30ºC,
60% relative humidity. Please refer to Application Note AN-20 for appropriate handling procedures.
Symbol
Description
10mm
PQFP
14mm
PQFP
10mm
TQFP
Units
θ
jc
Thermal resistance from junction-to-case
10
9.5
7.0
oC/W
θ
ca
Thermal resistance from case-to-ambient in still air including
conduction through the leads.
50
29
40
oC/W
θ
ca-100
Thermal resistance from case-to-ambient with 100 LFM airflow
41
26
38
oC/W
θ
ca-200
Thermal resistance from case-to-ambient with 200 LFM airflow
37
24
35
oC/W
θ
ca-400
Thermal resistance from case-to-ambient with 400 LFM airflow
32
21
33
oC/W
θ
ca-600
Thermal resistance from case-to-ambient with 600 LFM airflow
28
18
30
oC/W
Internal Heat Spreader
Die
Plastic Molding Compound
Lead
Bond Wire
Insulator


Similar Part No. - VSC7123QU

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
   Quad Port Bypass Circuit
VSC7124QM VITESSE-VSC7124QM Datasheet
128Kb / 8P
   Quad Port Bypass Circuit
More results

Similar Description - VSC7123QU

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
   Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com