Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5245A Datasheet(PDF) 9 Page - Keysight Technologies

Part # N5245A
Description  Keysight 2-Port and 4-Port PNA-X Network Analyzer
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5245A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N5245A Datasheet HTML 5Page - Keysight Technologies N5245A Datasheet HTML 6Page - Keysight Technologies N5245A Datasheet HTML 7Page - Keysight Technologies N5245A Datasheet HTML 8Page - Keysight Technologies N5245A Datasheet HTML 9Page - Keysight Technologies N5245A Datasheet HTML 10Page - Keysight Technologies N5245A Datasheet HTML 11Page - Keysight Technologies N5245A Datasheet HTML 12Page - Keysight Technologies N5245A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
9
Table 1. System Dynamic Range, Options 200 or 400, and Receiver Dynamic Range, All Options
Description
Specification, Options 200, 400
Typical, All Options
System
Dynamic
Range
(dB)
(A)-(B)
Max
Leveled
Output
Power
(dBm)
(A)
Test Port
Noise Floor
(dBm)
(B)
Receiver
Dynamic
Range (dB)
(C)-(D)
Test Port
Compression
at 0.1 dB
(dBm)
(C)
Test Port
Noise
Floor
(dBm)
(D)
Ports 1,
31
Ports 1, 31
All
All
All
All
10 MHz to 50 MHz
74
4
-70
91
15
-76
50 MHz to 100 MHz
93
8
-85
106
15
-91
100 MHz to 500 MHz
98
8
-90
113
15
-98
500 MHz to 1 GHz
114
8
-106
127
15
-112
1 GHz to 2 GHz
118
8
-110
129
15
-114
2 GHz to 3.2 GHz
118
8
-110
129
15
-114
3.2 GHz to 10 GHz
123
13
-110
129
15
-114
10 GHz to 16 GHz
124
13
-111
127
13
-114
16 GHz to 20 GHz
124
13
-111
127
13
-114
20 GHz to 26.5 GHz
124
13
-111
127
13
-114
26.5 GHz to 30 GHz
120
12
-108
126
13
-113
30 GHz to 32 GHz
119
11
-108
126
13
-113
32 GHz to 35 GHz
120
12
-108
126
13
-113
35 GHz to 40 GHz
117
9
-108
126
13
-113
40 GHz to 43.5 GHz
118
9
-109
126
13
-113
43.5 GHz to 47 GHz
112
5
-107
126
13
-113
47 GHz to 50 GHz
102
-5
-107
126
13
-113
1
Either port can be used as the source port. Any other port can be used as the receiver port.


Similar Part No. - N5245A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5241A KEYSIGHT-N5241A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5242A KEYSIGHT-N5242A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5244A KEYSIGHT-N5244A Datasheet
2Mb / 79P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5247A KEYSIGHT-N5247A Datasheet
3Mb / 78P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
logo
Fairchild Semiconductor
N5247B FAIRCHILD-N5247B Datasheet
85Kb / 3P
   Zeners
More results

Similar Description - N5245A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5241A KEYSIGHT-N5241A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5242A KEYSIGHT-N5242A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5244A KEYSIGHT-N5244A Datasheet
2Mb / 79P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5247A KEYSIGHT-N5247A Datasheet
3Mb / 78P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5249A KEYSIGHT-N5249A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5224A KEYSIGHT-N5224A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5221A KEYSIGHT-N5221A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5225A KEYSIGHT-N5225A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com