Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9485A Datasheet(PDF) 19 Page - Keysight Technologies

Part # M9485A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9485A Datasheet(HTML) 19 Page - Keysight Technologies

Back Button M9485A Datasheet HTML 15Page - Keysight Technologies M9485A Datasheet HTML 16Page - Keysight Technologies M9485A Datasheet HTML 17Page - Keysight Technologies M9485A Datasheet HTML 18Page - Keysight Technologies M9485A Datasheet HTML 19Page - Keysight Technologies M9485A Datasheet HTML 20Page - Keysight Technologies M9485A Datasheet HTML 21Page - Keysight Technologies M9485A Datasheet HTML 22Page - Keysight Technologies M9485A Datasheet HTML 23Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Test port input
Group delay1
Description
Typical
Supplemental information
Aperture (selectable)
(frequency span)/(number of points - 1)
Maximum aperture
25% of frequency span
Minimum delay
Limited to measuring no more than 180°
of phase change within the minimum
aperture.
Accuracy
See graph below (typical)
The following graph shows group delay accuracy with 3.5 mm connectors, full 2-port calibration and a 10 Hz IF bandwidth.
– Calibration kit (85033E).
– Insertion loss is assumed to be < 2 dB.
– Source/Receiver: Standard Configuration, Source/Receiver Reference/Test Attenuator: 0 dB
In general, the following formula can be used to determine the accuracy, in seconds, of a specific group delay measurement: ±phase
accuracy (degrees) / [360 x aperture (Hz)]
1. Group delay is computed by measuring the phase change within a specified step (determined by the frequency span and the number of points per sweep).


Similar Part No. - M9485A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
1Mb / 7P
   M9161D PXI Dual SP4T Solid State Switch Module
M9485A KEYSIGHT-M9485A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9485A KEYSIGHT-M9485A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
More results

Similar Description - M9485A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com