Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD720101 Datasheet(PDF) 17 Page - NEC

Part # UPD720101
Description  USB2.0 HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720101 Datasheet(HTML) 17 Page - NEC

Back Button UPD720101 Datasheet HTML 13Page - NEC UPD720101 Datasheet HTML 14Page - NEC UPD720101 Datasheet HTML 15Page - NEC UPD720101 Datasheet HTML 16Page - NEC UPD720101 Datasheet HTML 17Page - NEC UPD720101 Datasheet HTML 18Page - NEC UPD720101 Datasheet HTML 19Page - NEC UPD720101 Datasheet HTML 20Page - NEC UPD720101 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet S16265EJ4V0DS
17
µPD720101
USB interface block
Parameter
Symbol
Conditions
Min.
Max.
Unit
Serial resistor between DP (DM) and
RSDP (RSDM)
RS
35.64
36.36
Output pin impedance
ZHSDRV
Includes RS resistor
40.5
49.5
Input Levels for Low-/full-speed:
High-level input voltage (drive)
VIH
2.0
V
High-level input voltage (floating)
VIHZ
2.7
3.6
V
Low-level input voltage
VIL
0.8
V
Differential input sensitivity
VDI
(D+) − (D−)
0.2
V
Differential common mode range
VCM
Includes VDI range
0.8
2.5
V
Output Levels for Low-/full-speed:
High-level output voltage
VOH
RL of 14.25 k
Ω to GND
2.8
3.6
V
Low-level output voltage
VOL
RL of 1.425 k
Ω to 3.6 V
0.0
0.3
V
SE1
VOSE1
0.8
V
Output signal crossover point voltage
VCRS
1.3
2.0
V
Input Levels for High-speed:
High-speed squelch detection threshold
(differential signal)
VHSSQ
100
150
mV
High-speed disconnect detection
threshold (differential signal)
VHSDSC
525
625
mV
High-speed data signaling common
mode voltage range
VHSCM
−50
+500
mV
High-speed differential input signaling
level
See Figure 3-4.
Output Levels for High-speed:
High-speed idle state
VHSOI
−10
+10
mV
High-speed data signaling high
VHSOH
360
440
mV
High-speed data signaling low
VHSOL
−10
+10
mV
Chirp J level (differential signal)
VCHIRPJ
700
1100
mV
Chirp K level (differential signal)
VCHIRPK
−900
−500
mV


Similar Part No. - UPD720101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720101 RENESAS-UPD720101 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD720101

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
logo
Silicon image
SII3531 SILICONIMAGE-SII3531 Datasheet
217Kb / 2P
   SteelVine??Host Controller
SII0680 SILICONIMAGE-SII0680 Datasheet
207Kb / 2P
   SteelVine??Host Controller
logo
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
   USB3.0 Host Controller
logo
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com