Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD720101 Datasheet(PDF) 12 Page - NEC

Part No. UPD720101
Description  USB2.0 HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720101 Datasheet(HTML) 12 Page - NEC

Back Button UPD720101 Datasheet HTML 8Page - NEC UPD720101 Datasheet HTML 9Page - NEC UPD720101 Datasheet HTML 10Page - NEC UPD720101 Datasheet HTML 11Page - NEC UPD720101 Datasheet HTML 12Page - NEC UPD720101 Datasheet HTML 13Page - NEC UPD720101 Datasheet HTML 14Page - NEC UPD720101 Datasheet HTML 15Page - NEC UPD720101 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Data Sheet S16265EJ4V0DS
12
µPD720101
Table 2-1. External Parameters
Vender
X’tal
R
C1
C2
KDS
Note 1
AT-49 30.000 MHz
100
12 pF
10 pF
NDK
Note 2
AT-41 30.000 MHz
100
10 pF
10 pF
AT-41CD2 30.000 MHz
100
10 pF
10 pF
NX3225DA 30.000 MHz
100
10 pF
10 pF
NX5032GA 30.000 MHz
100
10 pF
10 pF
NX8045GB 30.000 MHz
100
10 pF
10 pF
Notes 1. DAISHINKU CORP.
2. NIHON DEMPA KOGYO CO., LTD.
In using these crystals, contact KDS or NDK to get the specification on external components to be used in
conjunction with the crystal.
KDS's home page: http://www.kdsj.co.jp
NDK's home page: http://www.ndk-j.co.jp
2.5
External Serial ROM Connection
Figure 2-4. External Serial ROM Connection
SRCLK
SRDTA
1.5 k
External serial ROM
3.3 V
SCL
SDA
A1
SRMOD
A0
A2
GND
VDD
WP
Inside-package
Outside-package
C
These pins for external serial ROM can be opened, when serial ROM is not necessary on board.


Similar Part No. - UPD720101

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101GJ-UEN RENESAS-UPD720101GJ-UEN Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101GJ-UEN-A RENESAS-UPD720101GJ-UEN-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
More results

Similar Description - UPD720101

ManufacturerPart No.DatasheetDescription
Future Technology Devices International Ltd.
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
Renesas Technology Corp
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
ELAN Microelectronics Corp
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
Renesas Technology Corp
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
   USB3.0 Host Controller
Intel Corporation
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
Renesas Technology Corp
Renesas Technology Corp
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
   USB2.0 Flash Disk Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz