Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD720101 Datasheet(PDF) 7 Page - NEC

Part No. UPD720101
Description  USB2.0 HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720101 Datasheet(HTML) 7 Page - NEC

Back Button UPD720101 Datasheet HTML 3Page - NEC UPD720101 Datasheet HTML 4Page - NEC UPD720101 Datasheet HTML 5Page - NEC UPD720101 Datasheet HTML 6Page - NEC UPD720101 Datasheet HTML 7Page - NEC UPD720101 Datasheet HTML 8Page - NEC UPD720101 Datasheet HTML 9Page - NEC UPD720101 Datasheet HTML 10Page - NEC UPD720101 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet S16265EJ4V0DS
7
µPD720101
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
VSS
37
VDD
73
VDD
109
NANDTEST
2
AD23
38
VDD
74
RSDP1
110
VSS
3
AD20
39
PPON2
75
VDD
111
AVSS
4
AD18
40
OCI4
76
VDD
112
VSS
5
CBE20
41
PPON5
77
DP3
113
DM2
6
TRDY0
42
PCLK
78
VDD
114
RSDP2
7
SERR0
43
INTC0
79
RSDM5
115
VSS
8
AD15
44
AD31
80
VDD
116
VDD
9
AD12
45
AD28
81
DP5
117
RSDM4
10
AD9
46
AD25
82
VSS
118
DP4
11
AD7
47
VDD
83
OCI1
119
VSS
12
VSS
48
VSS
84
OCI2
120
PPON1
13
VDD
49
VSS
85
OCI3
121
PPON3
14
VDD
50
AD22
86
OCI5
122
PPON4
15
AD3
51
AD21
87
VBBRST0
123
VCCRST0
16
AD1
52
VDD
88
INTB0
124
VDD_PCI
17
N.C.
53
AD16
89
AD30
125
INTA0
18
AMC
54
DEVSEL0
90
AD26
126
REQ0
19
XT2
55
PERR0
91
AD24
127
AD29
20
SRMOD
56
AD14
92
IDSEL
128
AD27
21
VSS
57
AD10
93
CBE30
129
IRDY0
22
RREF
58
AD8
94
AD19
130
VSS
23
VDD
59
CBE00
95
AD17
131
VDD
24
AVSS
60
VSS
96
FRAME0
132
PAR
25
VSS
61
AD6
97
STOP0
133
SMI0
26
RSDM1
62
AD4
98
VDD_PCI
134
LEGC
27
DP1
63
AD2
99
CBE10
135
TEST
28
RSDM2
64
CRUN0
100
AD13
136
XT1/SCLK
29
DP2
65
TEB
101
AD11
137
VSS
30
VSS
66
VDD
102
AD5
138
RSDM3
31
RSDP3
67
SRDTA
103
VDD_PCI
139
DM3
32
DM4
68
AVDD
104
AD0
140
VSS
33
RSDP4
69
AVSS(R)
105
N.C.
141
PME0
34
DM5
70
AVDD
106
SMC
142
VSS
35
RSDP5
71
VSS
107
NTEST1
143
VDD
36
VSS
72
DM1
108
SRCLK
144
GNT0
Remark AVSS(R) should be used to connect RREF through 1 % precision reference resistor of 9.1 k
Ω.
Pins 17 and 105 must be clamped high on the board.


Similar Part No. - UPD720101

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101GJ-UEN RENESAS-UPD720101GJ-UEN Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101GJ-UEN-A RENESAS-UPD720101GJ-UEN-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
More results

Similar Description - UPD720101

ManufacturerPart No.DatasheetDescription
Future Technology Devices International Ltd.
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
Renesas Technology Corp
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
ELAN Microelectronics Corp
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
Renesas Technology Corp
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
   USB3.0 Host Controller
Intel Corporation
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
Renesas Technology Corp
Renesas Technology Corp
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
   USB2.0 Flash Disk Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz