Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD720101 Datasheet(PDF) 24 Page - NEC

Part # UPD720101
Description  USB2.0 HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720101 Datasheet(HTML) 24 Page - NEC

Back Button UPD720101 Datasheet HTML 20Page - NEC UPD720101 Datasheet HTML 21Page - NEC UPD720101 Datasheet HTML 22Page - NEC UPD720101 Datasheet HTML 23Page - NEC UPD720101 Datasheet HTML 24Page - NEC UPD720101 Datasheet HTML 25Page - NEC UPD720101 Datasheet HTML 26Page - NEC UPD720101 Datasheet HTML 27Page - NEC UPD720101 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Data Sheet S16265EJ4V0DS
24
µPD720101
(2/2)
Parameter
Symbol
Conditions
Min.
Max.
Unit
High-speed Source Electrical Characteristics
Rise time (10 to 90%)
tHSR
500
ps
Fall time (90 to 10%)
tHSF
500
ps
Driver waveform
See Figure 3-6.
High-speed data rate
tHSDRAT
479.760
480.240
Mbps
Microframe interval
tHSFRAM
124.9375
125.0625
µs
Consecutive microframe interval difference
tHSRFI
4 high-
speed
Bit
times
Data source jitter
See Figure 3-6.
Receiver jitter tolerance
See Figure 3-4.
Hub Event Timings
Time to detect a downstream facing port
connect event
tDCNN
2.5
2000
µs
Time to detect a disconnect event at a
hub’s downstream facing port
tDDIS
2.0
2.5
µs
Duration of driving resume to a
downstream port
tDRSMDN
Nominal
20
ms
Time from detecting downstream resume
to rebroadcast
tURSM
1.0
ms
Inter-packet delay for packets traveling in
same direction for high-speed
tHSIPDSD
88
Bit
times
Inter-packet delay for packets traveling in
opposite direction for high-speed
tHSIPDOD
8
Bit
times
Inter-packet delay for root hub response for
high-speed
tHSRSPIPD1
192
Bit
times
Time for which a Chirp J or Chirp K must
be continuously detected during reset
handshake
tFILT
2.5
µs
Time after end of device Chirp K by which
hub must start driving first Chirp K
tWTDCH
100
µs
Time for which each individual Chirp J or
Chirp K in the chirp sequence is driven
downstream during reset
tDCHBIT
40
60
µs
Time before end of reset by which a hub
must end its downstream chirp sequence
tDCHSE0
100
500
µs


Similar Part No. - UPD720101

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
UPD720101 RENESAS-UPD720101 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD720101

ManufacturerPart #DatasheetDescription
Future Technology Devices International Ltd.
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
Renesas Technology Corp
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
ELAN Microelectronics Corp
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
Renesas Technology Corp
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
   USB3.0 Host Controller
Intel Corporation
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
Renesas Technology Corp
Renesas Technology Corp
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
   USB2.0 Flash Disk Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com