Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD720101 Datasheet(PDF) 23 Page - NEC

Part No. UPD720101
Description  USB2.0 HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720101 Datasheet(HTML) 23 Page - NEC

Back Button UPD720101 Datasheet HTML 19Page - NEC UPD720101 Datasheet HTML 20Page - NEC UPD720101 Datasheet HTML 21Page - NEC UPD720101 Datasheet HTML 22Page - NEC UPD720101 Datasheet HTML 23Page - NEC UPD720101 Datasheet HTML 24Page - NEC UPD720101 Datasheet HTML 25Page - NEC UPD720101 Datasheet HTML 26Page - NEC UPD720101 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet S16265EJ4V0DS
23
µPD720101
USB interface block
(1/2)
Parameter
Symbol
Conditions
Min.
Max.
Unit
Low-speed Source Electrical Characteristics
Rise time (10 to 90%)
tLR
CL = 200 to 600 pF,
RS = 36
75
300
ns
Fall time (90 to 10%)
tLF
CL = 200 to 600 pF,
RS = 36
75
300
ns
Differential rise and fall time matching
tLRFM
(tLR/tLF)
80
125
%
Low-speed data rate
tLDRATHS
Average bit rate
1.49925
1.50075
Mbps
Source jitter total (including frequency
tolerance):
To next transition
For paired transitions
tDDJ1
tDDJ2
−25
−14
+25
+14
ns
ns
Source jitter for differential transition to
SE0 transition
tLDEOP
−40
+100
ns
Receiver jitter:
To next transition
For paired transitions
tUJR1
tUJR2
−152
−200
+152
+200
ns
ns
Source SE0 interval of EOP
tLEOPT
1.25
1.50
µs
Receiver SE0 interval of EOP
tLEOPR
670
ns
Width of SE0 interval during differential
transition
tFST
210
ns
Full-speed Source Electrical Characteristics
Rise time (10 to 90%)
tFR
CL = 50 pF,
RS = 36
4
20
ns
Fall time (90 to 10%)
tFF
CL = 50 pF,
RS = 36
4
20
ns
Differential rise and fall time matching
tFRFM
(tFR/tFF)
90
111.11
%
Full-speed data rate
tFDRATHS
Average bit rate
11.9940
12.0060
Mbps
Frame interval
tFRAME
0.9995
1.0005
ms
Consecutive frame interval jitter
tRFI
No clock adjustment
42
ns
Source jitter total (including frequency
tolerance):
To next transition
For paired transitions
tDJ1
tDJ2
−3.5
−4.0
+3.5
+4.0
ns
ns
Source jitter for differential transition to
SE0 transition
tFDEOP
−2
+5
ns
Receiver jitter:
To next transition
For paired transitions
tJR1
tJR2
−18.5
−9
+18.5
+9
ns
ns
Source SE0 interval of EOP
tFEOPT
160
175
ns
Receiver SE0 interval of EOP
tFEOPR
82
ns
Width of SE0 interval during differential
transition
tFST
14
ns


Similar Part No. - UPD720101

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101GJ-UEN RENESAS-UPD720101GJ-UEN Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101GJ-UEN-A RENESAS-UPD720101GJ-UEN-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
More results

Similar Description - UPD720101

ManufacturerPart No.DatasheetDescription
Future Technology Devices International Ltd.
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
Renesas Technology Corp
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
ELAN Microelectronics Corp
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
Renesas Technology Corp
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
   USB3.0 Host Controller
Intel Corporation
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
Renesas Technology Corp
Renesas Technology Corp
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
   USB2.0 Flash Disk Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz