Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET-DLE085 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ET-DLE085
Description  DLP Projector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ET-DLE085 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ET-DLE085 Datasheet HTML 5Page - Panasonic Semiconductor ET-DLE085 Datasheet HTML 6Page - Panasonic Semiconductor ET-DLE085 Datasheet HTML 7Page - Panasonic Semiconductor ET-DLE085 Datasheet HTML 8Page - Panasonic Semiconductor ET-DLE085 Datasheet HTML 9Page - Panasonic Semiconductor ET-DLE085 Datasheet HTML 10Page - Panasonic Semiconductor ET-DLE085 Datasheet HTML 11Page - Panasonic Semiconductor ET-DLE085 Datasheet HTML 12Page - Panasonic Semiconductor ET-DLE085 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
As of July 2016
SFD16M035
DLP™ Projector
PT-RW930B/RW930W/RW930LB/RW930LW
Projection distance for 16:9 aspect ratio screen (If using other than the ET-DLE030)
Screen size
(diagonal)
min.
max.
min.
max.
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)Height from the edge
of screen to
center of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
Zoom lens
min.
max.
ET-DLE085
Zoom lens
ET-DLE250
Zoom lens
ET-DLE350
Zoom lens
ET-DLE450
Zoom lens
ET-DLE055
Fixed-focus
lens
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
[m][in]
50
60
70
80
90
100
120
150
200
250
300
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
Screen size
(diagonal)
min.
max.
min.
max.
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)Height from the edge
of screen to
center of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
Zoom lens
min.
max.
ET-DLE085
Zoom lens
ET-DLE250
Zoom lens
ET-DLE350
Zoom lens
ET-DLE450
Zoom lens
ET-DLE055
Fixed-focus
lens
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
[m][in]
50
60
70
80
90
100
120
150
200
250
300
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
Unit: feet
Unit: meters
• The value for L (distance to screen) varies slightly within ±5% depending on the zoom lens characteristics.
• The zoom lens characteristics may cause slight image distortion.
• When vertical keystone correction is used, the image is corrected in the direction that reduces its projected size.
• The brightness varies depending on the zoom setting.
Note: When the ET-DLE055 is mounted, the optical lens shift function cannot be used.
-0.14
-0.16
-0.19
-0.22
-0.25
-0.27
-0.33
-0.41
-0.55
-0.69
-0.82
-1.10
-1.37
-1.64
0.46
0.55
0.64
0.73
0.82
0.91
1.10
1.37
1.83
2.28
2.74
3.65
4.57
5.48
0.90
1.09
1.27
1.46
1.65
1.84
2.22
2.79
3.73
0.31
0.37
0.44
0.50
0.56
0.62
0.75
0.93
1.25
2.18
2.62
3.07
3.51
3.96
4.40
5.29
6.63
8.86
11.08
13.31
17.76
22.21
26.66
1.12
1.35
1.59
1.82
2.05
2.29
2.75
3.45
4.61
5.78
6.94
9.27
11.60
13.93
2.78
3.35
3.92
4.49
5.06
5.63
6.77
8.49
11.34
14.19
17.04
22.75
28.45
34.16
4.18
5.03
5.88
6.73
7.58
8.43
10.14
12.69
16.95
21.21
25.46
33.98
42.49
51.00
6.29
7.57
8.85
10.14
11.42
12.71
15.27
19.13
25.55
31.97
38.39
51.23
64.07
76.91
9.87
11.90
13.94
15.97
18.00
20.04
24.11
30.21
40.38
50.54
60.71
81.05
101.39
121.73
1.49
1.80
2.11
2.42
2.72
3.03
3.65
4.58
6.12
7.66
9.21
12.29
15.38
18.46
0.89
1.08
1.27
1.46
1.65
1.83
2.21
2.78
3.72
4.66
5.60
7.48
9.36
11.24
1.97
2.38
2.79
3.19
3.60
4.01
4.83
6.05
8.10
10.14
12.18
16.27
20.35
24.44
2.62
3.15
3.69
4.23
4.77
5.31
6.39
8.01
10.70
13.40
16.09
21.48
26.87
32.26
4.11
4.96
5.81
6.66
7.51
8.36
10.06
12.61
16.86
21.11
25.36
33.86
42.35
50.85
6.13
7.42
8.70
9.99
11.28
12.56
15.14
18.99
25.43
31.86
38.29
51.16
64.02
76.88
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.1
-1.3
-1.8
-2.2
-2.7
-3.6
-4.5
-5.4
1.5
1.8
2.1
2.4
2.7
3.0
3.6
4.5
6.0
7.5
9.0
12.0
15.0
18.0
3.0
3.6
4.2
4.8
5.4
6.0
7.3
9.2
12.2
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.1
4.1
7.2
8.6
10.1
11.5
13.0
14.4
17.4
21.8
29.1
36.4
43.7
58.3
72.9
87.5
3.7
4.4
5.2
6.0
6.7
7.5
9.0
11.3
15.1
19.0
22.8
30.4
38.1
45.7
9.1
11.0
12.9
14.7
16.6
18.5
22.2
27.9
37.2
46.6
55.9
74.6
93.3
112.1
13.7
16.5
19.3
22.1
24.9
27.7
33.3
41.6
55.6
69.6
83.5
111.5
139.4
167.3
20.6
24.8
29.0
33.3
37.5
41.7
50.1
62.8
83.8
104.9
126.0
168.1
210.2
252.3
32.4
39.0
45.7
52.4
59.1
65.7
79.1
99.1
132.5
165.8
199.2
265.9
332.6
399.4
4.9
5.9
6.9
7.9
8.9
9.9
12.0
15.0
20.1
25.1
30.2
40.3
50.5
60.6
2.9
3.5
4.2
4.8
5.4
6.0
7.3
9.1
12.2
15.3
18.4
24.5
30.7
36.9
6.5
7.8
9.2
10.5
11.8
13.2
15.8
19.8
26.6
33.3
40.0
53.4
66.8
80.2
8.6
10.3
12.1
13.9
15.6
17.4
21.0
26.3
35.1
44.0
52.8
70.5
88.2
105.8
13.5
16.3
19.1
21.9
24.6
27.4
33.0
41.4
55.3
69.3
83.2
111.1
138.9
166.8
20.1
24.3
28.5
32.8
37.0
41.2
49.7
62.3
83.4
104.5
125.6
167.8
210.0
252.2
Supplied lens/ET-DLE170
Zoom lens
Supplied lens/ET-DLE170
Zoom lens


Similar Part No. - ET-DLE085

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ET-DLE085 PANASONIC-ET-DLE085 Datasheet
155Kb / 2P
   Zoom Lens
More results

Similar Description - ET-DLE085

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
   DLP??Projector
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
   DLP Projector
PT-LW321 PANASONIC-PT-LW321 Datasheet
1Mb / 12P
   DLP Projector
PT-LX271 PANASONIC-PT-LX271 Datasheet
1Mb / 11P
   DLP??Projector
PT-DW17K2 PANASONIC-PT-DW17K2 Datasheet
1Mb / 11P
   3-Chip DLP??Projector
PT-DS12K PANASONIC-PT-DS12K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K PANASONIC-PT-DZ16K Datasheet
2Mb / 14P
   3-Chip DLP Projector
PT-RZ12K PANASONIC-PT-RZ12K Datasheet
987Kb / 14P
   3-Chip DLP??Projector
PT-DW11K PANASONIC-PT-DW11K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K2 PANASONIC-PT-DZ16K2 Datasheet
1Mb / 12P
   3-Chip DLP??Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com