Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM2808 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM2808
Description  5W HIGH POWER HBLED DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2808 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM2808 Datasheet HTML 1Page - Diodes Incorporated PAM2808 Datasheet HTML 2Page - Diodes Incorporated PAM2808 Datasheet HTML 3Page - Diodes Incorporated PAM2808 Datasheet HTML 4Page - Diodes Incorporated PAM2808 Datasheet HTML 5Page - Diodes Incorporated PAM2808 Datasheet HTML 6Page - Diodes Incorporated PAM2808 Datasheet HTML 7Page - Diodes Incorporated PAM2808 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PAM2808
Document number: DS36402 Rev. 2 - 2
5 of 8
www.diodes.com
September 2015
© Diodes Incorporated
PAM2808
Application Information
PWM Dimming
The PAM2808 can be used to dim LED current dimming by driving the EN pin via PWM waveform. The VOUT pin current is then effectively
switched on and off causing the LED current to turn on and off. The recommended PWM frequency is 200Hz (see Figure 5 for details).
External Capacitor Requirements
A 4.7μF or larger ceramic input bypass capacitor, connected between VIN and GND and located close to the PAM2808, is required for stability.
A 4.7µF minimum value capacitor from VO to GND is also required. To improve transient response, noise rejection and ripple rejection, an
additional 1
0μF or larger, low ESR capacitor is recommended at the output. A higher-value, low ESR output capacitor may be necessary if large,
fast-rise-time load transients are anticipated and the device is located several inches from the power source, especially if the minimum input
voltage of 2.5V is used.
Regulator Protection
The PAM2808 features internal current limiting, thermal protection and short circuit protection. During normal operation, the PAM2808 limits
output current to about 2.5A. When current limiting engages, the output voltage scales back linearly until the over current condition ends. While
current limiting is designed to prevent gross device failure, care should be taken not to exceed the power dissipation ratings of the package. If the
temperature of the device exceeds +150°C, thermal-protection circuitry will shut down. Once the device has cooled down to approximately +40°C
below the high temperature trip point, regulator operation resumes.
Thermal Information
The amount of heat generates is:
I
V
V
P
O
O
IN
D
All integrated circuits have a maximum allowable junction temperature (TJ MAX) above which normal operation is not assured. A system designer
must design the operating environment so that the operating junction temperature (TJ) does not exceed the maximum junction temperature
(TJ MAX). The two main environmental variables that a designer can use to improve thermal performance are air flow and external heat sinks. The
purpose of this information is to aid the designer in determining the proper operating environment for a linear regulator that is operating at a
specific power level.
In general, the maximum expected power (PD(MAX)) consumed by a linear regulator is computed as:
I
x
V
I
x
V
V
P
)
Q
(
)
AVG
(
I
)
AVG
(
O
)
AVG
(
O
)
AVG
(
I
DMAX
Where:
VI(AVG) is the average input voltage
VO(AVG) is the average output voltage
IO(AVG) is the average output current
I(Q) is the quiescent current
The quiescent current is insignificant compared to the average output current; therefore, the term VI(AVG) x I(Q) can be neglected. The operating
junction temperature is computed by adding the ambient temperature (TA) and the increase in temperature due to the regulator's power
dissipation. The temperature rise is computed by multiplying the maximum expected power dissipation by the sum of the thermal resistances
between the junction and the case (RθJC), the case to heatsink (RθJS), and the heatsink to ambient (RθJA). Thermal resistances are measures of
how effectively an object dissipates heat. Typically, the larger the device, the more surface area available for power dissipation so that the
objec
t’s thermal resistance will be lower.


Similar Part No. - PAM2808

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
PAM2808BLBR PAM-PAM2808BLBR Datasheet
165Kb / 8P
   5W High Power HBLED Driver
More results

Similar Description - PAM2808

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
logo
Everlight Electronics C...
EHP-B03LS EVERLIGHT-EHP-B03LS Datasheet
327Kb / 10P
   High Power LED - 5W
EHP-B03LS-UT04-P05 EVERLIGHT-EHP-B03LS-UT04-P05 Datasheet
327Kb / 10P
   High Power LED - 5W
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
logo
P-tec Corporation
PL00875W-WCCW P-TEC-PL00875W-WCCW Datasheet
1Mb / 5P
   5W WHITE HIGH POWER LED
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
logo
Sony Corporation
SLD335F SONY-SLD335F Datasheet
149Kb / 5P
   5W High Power Laser Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com