Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV52207NXB Datasheet(PDF) 7 Page - ON Semiconductor

Part # LV52207NXB
Description  LED Boost Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV52207NXB Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LV52207NXB Datasheet HTML 3Page - ON Semiconductor LV52207NXB Datasheet HTML 4Page - ON Semiconductor LV52207NXB Datasheet HTML 5Page - ON Semiconductor LV52207NXB Datasheet HTML 6Page - ON Semiconductor LV52207NXB Datasheet HTML 7Page - ON Semiconductor LV52207NXB Datasheet HTML 8Page - ON Semiconductor LV52207NXB Datasheet HTML 9Page - ON Semiconductor LV52207NXB Datasheet HTML 10Page - ON Semiconductor LV52207NXB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LV52207NXB
www.onsemi.com
7
LED Current Setting (max sink current)
LED_full current is set by an external resistor
connected between the RT pin and ground.
_
2113 ∗
:
RT pin DC Voltage; typically 0.6 V
:
RT pin resistor to ground
Eg: RT_res= 63.4 k
 at typical V
RT
_
2113 ∗
2113 ∗
.
.
19.99
≅ 20
BRIGHTNESS CONTROL
The LV52207NXB controls the DC current of the
dual channels. The DC current control is normally
referred to as analog dimming mode.
The LV52207NXB can receive digital commands at
the EN pin (1-wire digital interface, known as
Digital Mode) and the PWM signals at the PWM
pin (PWM interface, known as PWM Mode) for
brightness dimming.
Dimming Mode Selection
Dimming Mode is selected by a specific pattern of
the EN pin within TSEL of 1.0 ms from the startup of
the device every time.
Digital Mode
To enter Digital Mode, EN pin should be taken high
for more than Tw0 =100s from the first rising edge
and keep low state for TW1 = 260s before TSEL=1ms.
When using Digital mode, the PWM pin should be
kept high.
It is required sending the device address byte and the
data byte to select LEDI. The bit detection is
determined by the ratio of TH and TL(See Fig5). The
start condition for the bit transmission required EN
pin high for at least Tstart. The end condition is
required EN pin low for at least Tend. When data is
not being transferred, EN pin is set in the “H” state.
These registers are initialized with shutdown.
Start up and Shutdown
The device becomes enabled when EN pin is
initially taken high. The dimming mode is
determined within TSEL and the boost converter start
up after TDEL. To place the device into shutdown
mode, the SWIRE must be held low for TOFF. For
specific timings please refer to the Recommended
EN PWMIN Timing Table on page 3 or the below
figures.
Digital MODE
Fig3. Start up and shutdown diagram (DIGITAL MODE)


Similar Part No. - LV52207NXB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
LV52207NXA-VH ONSEMI-LV52207NXA-VH Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
More results

Similar Description - LV52207NXB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
   Boost LED Driver
logo
Integrated Device Techn...
ZLED7025 IDT-ZLED7025 Datasheet
599Kb / 26P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
Diodes Incorporated
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com