Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5237JAZ-AH Datasheet(PDF) 7 Page - ON Semiconductor

Part # LV5237JAZ-AH
Description  9-channel LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5237JAZ-AH Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LV5237JAZ-AH Datasheet HTML 3Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 4Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 5Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 6Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 7Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 8Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 9Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 10Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LV5237JA
www.onsemi.com
7
OUTSCT Settings
LED Driver Output Pin
OUTSCT pin
LEDR1/ LEDR2
LEDG1/ LEDG2
LEDB1/ LEDB2
LEDR3
LEDG3
LEDB3
L
Constant current output
Built-in current value switching D/A (5 bits)
0.86mA to 31.24mA, RT1=20kΩ (f=1MHz)
Constant current output
Built-in current value switching D/A (5 bits)
0.86mA to 31.24mA, RT1=20kΩ (f=1MHz)
H
Open drain output
Current value is determined by external limiting resistor.
RON=10Ω
Open drain output
Current value is determined by external limiting resistor.
RON=10Ω
M
Constant current output
Built-in current value switching D/A (5 bits)
0.86mA to 31.24mA, RT1=20kΩ (f=1MHz)
Open drain output
Current value is determined by external limiting resistor.
RON=10Ω
Power on RESET Settings
Pin Functions
Pin No.
Pin Name
Pin function
Equivalent Circuit
1
SVCC
Power supply pin
2
TEST1
Test1 pin
This pin must always be connected to GND.
60kΩ
10kΩ
TEST1
3
VREF
Reference output pin(5V)
4
CTLSCT
Serial bus communication setting pin
When set to low: The 3-wire serial bus
signals are set as the input signals.
When set to high: The 2-wire serial bus
signals are set as the input signals.
VREF
2.5V
2.3V
SVCC=5.0V
(3.1V-12.8V)
Release of the power-on reset
(accept data after a fixed period of time)
*Conservation voltage of serial data
*In a low battery, it is output OFF
(I let LED output have OFF when I detect UVLO)
It is impossible of serial data setting.
It is necessary for the reset of the device to let
you cancel a shell power-on reset as VCC=0V
When you transmit data after a release of the power-on reset,
please transmit it after being able to open interval more than 100usec.
It has power-on reset circuit built-in, and, at the time of power activation, the air resister data of the IC is reset.
It prevents malfunction of the LED lighting by letting you reset it.
When voltage rises from state of SVCC=0V, the power-on reset becomes effective.
Please start to reboot it after making SVCC=0V.


Similar Part No. - LV5237JAZ-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5230BG SANYO-LV5230BG Datasheet
242Kb / 28P
   7ch횞17ch LED Driver
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
LV5230LG SANYO-LV5230LG Datasheet
176Kb / 27P
   7ch x 17ch LED Driver
logo
ON Semiconductor
LV5230LG ONSEMI-LV5230LG Datasheet
161Kb / 27P
   7ch x 17ch LED Driver
August, 2013
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG_10 Datasheet
176Kb / 27P
   7ch x 17ch LED Driver
More results

Similar Description - LV5237JAZ-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
logo
ON Semiconductor
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
   9-channel LED Driver
March, 2014
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
National Semiconductor ...
DS8973 NSC-DS8973 Datasheet
83Kb / 4P
   DS8973 9-Digit LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
Hitachi Semiconductor
HA13408 HITACHI-HA13408 Datasheet
43Kb / 8P
   9-Channel Power Driver
logo
ams AG
AS3665 AMSCO-AS3665 Datasheet
590Kb / 2P
   9 Channel Advanced Command Driven RGB/White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com