Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC898124EP1XC-MH Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC898124EP1XC-MH
Description  Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898124EP1XC-MH Datasheet(HTML) 5 Page - ON Semiconductor

  LC898124EP1XC-MH Datasheet HTML 1Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 2Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 3Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 4Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 5Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 6Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 7Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 8Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LC898124EP1XC
www.onsemi.com
5
Pin Description
No.
Pin
I/O
I/O Spec
Primary Function
Sub Functions
Init
1
MON1
B
Servo Monitor Analog In/Out
2-wire serial Data
Z
Interrupt Input
2
MON2
B
Servo Monitor Analog In/Out
2-wire serial Clock
Z
3
SCL
B
OD
2-wire serial HOST I/F Clock
Slave
Z
4
SDA
B
OD
2-wire serial HOST I/F Data
Slave
Z
5
SDA2
B
NC
Z
6
SCL2
B
NC
Z
7
DGSSB
B
Digital Gyro Data I/F Chip
Select Out (3/4-wire Master)
3/4-wie I/F Chip Select In
(Read only)
Z
8
DGSCLK
B
Digital Gyro Data I/F Clock
Out (3/4-wire Master)
3/4-wire I/F Clock In
(Read only)
Z
9
EIRQ
B
OD
Interrupt Input
Digital Gyro Data I/F Data
In (4-wire Master)
Z
10
DGDATA
B
Digital Gyro Data I/F Data
(3-wire Master)
Digital Gyro Data I/F Data
Out (4-wire Master)
Z
3/4-wire I/F Data In (Read only)
11
HLXBO
O
OIS Hall X Bias Output
Z
12
HLYBO
O
OIS Hall Y Bias Output
Z
13
OPINMX
I
OIS Hall X Opamp Input Minus
Z
14
OPINPX
I
OIS Hall X Opamp Input Plus
-
15
OPINMY
I
OIS Hall Y Opamp Input Minus
-
16
OPINPY
I
OIS Hall Y Opamp Input Plus
-
17
OUT1
O
OIS Driver Output
Z
18
OUT2
O
OIS Driver Output
Z
19
OUT3
O
OIS Driver Output
Z
20
OUT4
O
OIS Driver Output
Z
21
OUT5
O
Open-AF Driver Output
Z
22
OUT6
O
Open-AF Driver Output
Z
23
AVDD30
P
Analog Power (2.6 V to 3.3 V)
-
24
AVSS
P
Analog GND
-
25
VM
P
Driver Power (2.6 V to 3.3 V)
-
26
PGND
P
Driver GND
27
LDPO
P
Internal LDO Power Output


Similar Part No. - LC898124EP1XC-MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898124EP1XC-MH ONSEMI-LC898124EP1XC-MH Datasheet
264Kb / 10P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
January 2017 - Rev. 0
More results

Similar Description - LC898124EP1XC-MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com