Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC898124EP1XC Datasheet(PDF) 6 Page - ON Semiconductor

Part # LC898124EP1XC
Description  Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898124EP1XC Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC898124EP1XC Datasheet HTML 2Page - ON Semiconductor LC898124EP1XC Datasheet HTML 3Page - ON Semiconductor LC898124EP1XC Datasheet HTML 4Page - ON Semiconductor LC898124EP1XC Datasheet HTML 5Page - ON Semiconductor LC898124EP1XC Datasheet HTML 6Page - ON Semiconductor LC898124EP1XC Datasheet HTML 7Page - ON Semiconductor LC898124EP1XC Datasheet HTML 8Page - ON Semiconductor LC898124EP1XC Datasheet HTML 9Page - ON Semiconductor LC898124EP1XC Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LC898124EP1XC
www.onsemi.com
6
Electrical Characteristics
Absolute Maximum Rating at AVSS = 0 V, PGND = 0 V (Note 1)
*1:DGSSB, DGSCLK, DGDATA, EIRQ
Note 1 : Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are
exceeded, device functionality should not be assumed, damage may occur and reliability may be affected.
Allowable Operating Ratings at Ta = 30 to 85C, AVSS = 0 V, PGND = 0 V (Note 2)
3.0V Power Supply (AVDD30)
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage
VAD30
2.6
2.8
3.3
V
Input voltage range
VINA
0
-
VAD30
V
3.0V Power Supply (VM)
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage
VM30
2.6
2.8
3.3
V
Input voltage range
VINM
0
-
VM30
V
Note 2 : Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended
exposure to stresses beyond the Recommended Operating Ranges limits may affect device reliability.
D.C. Characteristics [Input/Output] at Ta = 30 to 85C, AVSS = 0 V, PGND = 0 V, AVDD30 = 2.6 to 3.3 V (Note 3)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Applicable pins
High-level input voltage
VIH
CMOS
schmitt
1.26
V
DGSSB,DGSCLK
DGDATA,EIRQ
Low-level input voltage
VIL
0.4
V
High-level input voltage
VIH
CMOS
schmitt
1.4
V
SCL,SDA
Low-level input voltage
VIL
0..4
V
High-level input voltage
VIH
CMOS
schmitt
0.75AV
DD30
V
MON1,MON2,
Low-level input voltage
VIL
0.25AVDD30
V
High-level output
voltage
VOH
IOH =
1 mA
1.51
1.89
V
DGSSB,DGSCLK
DGDATA
Low-level output voltage
VOL
IOL = 1 mA
0.2
V
DGSSB,DGSCLK
DGDATA,EIRQ
High-level output
voltage
VOH
IOH =
2 mA
AVDD
30-0.3
V
MON1,MON2
Low-level output voltage
VOL
IOL = 2 mA
0.3
V
Low-level output voltage
VOL
IOL = 2 mA
0.2
V
SCL,SDA,
Analog input voltage
VAI
AVSS
AVDD
30
V
MON1,MON2
Pull Up resistor
Rup
50
250
kΩ
DGSSB,DGSCLK
DGDATA
MON1,MON2
Pull Down resistor
Rdn
50
220
kΩ
DGSSB,DGSCLK
DGDATA,EIRQ
MON1,MON2
Note 3 : Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise
noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VAD30 max
Ta
 25C
0.3 to +4.6
V
VM max
Ta
 25C
0.3 to +4.6
V
Input / Output voltage
VAI30,VAO30
Ta
 25C
0.3 to VAD30+0.3
V
VMI30,VMO30
Ta
 25C
0.3 to VM30+0.3
V
Input voltage
V18*1
Ta
 25C
0.3 to +1.98
V
Storage temperature
Tstg
55 to +125
C
Operating temperature
Topr1
Read for EEPROM
30 to +85
C
Topr2
Program &Erase for
EEPROM
30 to +70
C


Similar Part No. - LC898124EP1XC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
264Kb / 10P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
January 2017 - Rev. 0
LC898124EP1XC-MH ONSEMI-LC898124EP1XC-MH Datasheet
264Kb / 10P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
January 2017 - Rev. 0
LC898124EP1XC ONSEMI-LC898124EP1XC_17 Datasheet
264Kb / 10P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
January 2017 - Rev. 0
More results

Similar Description - LC898124EP1XC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com