Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4201TD-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT4201TD-GT3
Description  High Efficiency Step Down LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4201TD-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4201TD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4201TD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4201TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4201TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4201TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4201TD-GT3 Datasheet HTML 9Page - ON Semiconductor CAT4201TD-GT3 Datasheet HTML 10Page - ON Semiconductor CAT4201TD-GT3 Datasheet HTML 11Page - ON Semiconductor CAT4201TD-GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT4201
www.onsemi.com
8
Simplified Block Diagram
Figure 22. CAT4201 Simplified Block Diagram
1.2 V
Reference
+
ON−Time Control
OFF−Time Control
1.2 V
1
W
7 V
30 k
W
20
mA
EN
SW
GND
RSET
CTRL
VBAT
12 V/24 V
PWM
Controller
EN
R2
Basic Operation
The CAT4201 is a high efficiency step−down regulator
designed to drive series connected high−power LEDs. LED
strings with total forward voltages of up to 32 V can be
driven with bias currents of up to 350 mA.
During the first switching phase, an integrated high
voltage power MOSFET allows the inductor current to
charge linearly until the peak maximum level is reached, at
which point the MOSFET is switched off and the second
phase commences, allowing the inductor current to then
flow through the Schottky diode circuit and discharge
linearly back to zero current.
The switching architecture ensures the device will always
operate at the cross−over point between Continuous
Conduction Mode (CCM) and Discontinuous Conduction
Mode (DCM). This operating mode results in an average
LED current which is equal to half of the peak switching
current.
LED Pin Current
The LED current is set by the external RSET resistor
connected to the regulated output of the RSET pin. An
overall current gain ratio of approximately 2.5 A/mA exists
between the average LED current and the RSET current,
hence the following equation can be used to calculate the
LED current.
LED Current (A)
^ 2.5
V
RSET (V)
R
SET (kW)
Table 7 lists the various LED currents and the associated
RSET resistors.
Table 7. RSET RESISTOR SELECTION
LED Current (A)
RSET (k
W)
0.10
33
0.15
21
0.20
15
0.25
12
0.30
10
0.35
8.25


Similar Part No. - CAT4201TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4201TD-GT3 CATALYST-CAT4201TD-GT3 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
190Kb / 13P
   350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
More results

Similar Description - CAT4201TD-GT3

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
SM8200 MSK-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
SamHop Microelectronics...
SM8200 SAMHOP-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
   350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
CAV4201TD-GT3 ONSEMI-CAV4201TD-GT3 Datasheet
179Kb / 12P
   350 mA High Efficiency Step Down LED Driver
November, 2011 ??Rev. 1
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
   1A Step-Down Constant Current, High Efficiency LED Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
   1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
logo
SHOUDING Shouding Semic...
SD3314A SHOUDING-SD3314A Datasheet
441Kb / 8P
   HIGH EFFICIENCY 1A STEP-DOWN CONSTANT CURRENT LED DRIVER
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com