Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62052 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62052
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62052 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62052 Datasheet HTML 3Page - Texas Instruments TPS62052 Datasheet HTML 4Page - Texas Instruments TPS62052 Datasheet HTML 5Page - Texas Instruments TPS62052 Datasheet HTML 6Page - Texas Instruments TPS62052 Datasheet HTML 7Page - Texas Instruments TPS62052 Datasheet HTML 8Page - Texas Instruments TPS62052 Datasheet HTML 9Page - Texas Instruments TPS62052 Datasheet HTML 10Page - Texas Instruments TPS62052 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
PGND
FB
PG
VIN
8
LBO
GND
SYNC
EN
LBI
TPS62050
SW
1
6
7
3
2
9
5
4
10
L1 = 10
µH
VO = 5 V
R1 =
820 k
C(ff) = 6.8 pF
R2 = 91 k
Co = 22 µF
Ci = 10 µF
VI
R5
130 k
R6
100 k
R3
1 M
R4
1 M
TDK
C3216X5R1A106M
Taiyo Yuden
JMK316BJ226ML
WE PD 744 777 10
Quiescent Current Measurements and Efficiency Were Taken
With: R5 = Open, R4 = Open, LBI Connected to GND.
TPS62050, TPS62051
TPS62052, TPS62054, TPS62056
SLVS432D – SEPTEMBER 2002 – REVISED OCTOBER 2003
PARAMETER MEASUREMENT INFORMATION
All graphs were generated using the circuit as shown unless otherwise noted. For output voltages other than 5 V,
the fixed voltage versions are used. The resistors R1, R2, and the feedforward capacitor (Cff) are removed and
the feedback pin is directly connected to the output.
STANDARD CIRCUIT FOR ADJUSTABLE VERSION
7


Similar Part No. - TPS62052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62052 TI1-TPS62052 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62052DGS TI1-TPS62052DGS Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62052DGS TI1-TPS62052DGS Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62052DGSG4 TI1-TPS62052DGSG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62052DGSG4 TI1-TPS62052DGSG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Similar Description - TPS62052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com