Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5080A Datasheet(PDF) 7 Page - Keysight Technologies

Part # E5080A
Description  E5080A ENA Series Network Analyzer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5080A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button E5080A Datasheet HTML 3Page - Keysight Technologies E5080A Datasheet HTML 4Page - Keysight Technologies E5080A Datasheet HTML 5Page - Keysight Technologies E5080A Datasheet HTML 6Page - Keysight Technologies E5080A Datasheet HTML 7Page - Keysight Technologies E5080A Datasheet HTML 8Page - Keysight Technologies E5080A Datasheet HTML 9Page - Keysight Technologies E5080A Datasheet HTML 10Page - Keysight Technologies E5080A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
07 | Keysight | E5080A ENA Series Network Analyzer, E5092A Configurable Multiport Test Set - Data Sheet
Corrected system performance with 3.5 mm device connector type,
85093C electronic calibration (ECal) module
Network analyzer : E5080A
Calibration kit
: 85093C (3.5 mm, 50 Ω) Electronic calibration (ECal) module
Calibration
: full 2-port
IF bandwidth = 10 Hz, no averaging applied to data, environmental temperature = 23 °C
(± 3 °C) with < 1 °C deviation from calibration temperature , isolation calibration is not
performed
Transmission uncertainty (Specification)1
Reflection uncertainty (Specification)1
Specification
Description
300 k to 10 MHz
10 M to 3 GHz
3 G to 6 GHz
6 G to 8.5 GHz
8.5 G to 9 GHz
Directivity
45
52
50
47
47
Source match
36
44
39
34
34
Load match
37
47
44
40
39
Reflection tracking
± 0.1
± 0.04
± 0.05
± 0.07
± 0.07
Transmission tracking
± 0.086
± 0.025
± 0.049
± 0.143
± 0.152
1. Applies to the units with Serial Number Prefix MY552/SG552 and above


Similar Part No. - E5080A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
E508001 BELDEN-E508001 Datasheet
96Kb / 2P
   Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
E508001010S1 BELDEN-E508001010S1 Datasheet
96Kb / 2P
   Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
More results

Similar Description - E5080A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5063A KEYSIGHT-E5063A Datasheet
3Mb / 23P
   ENA Series Network Analyzer
E5072A KEYSIGHT-E5072A Datasheet
5Mb / 23P
   E5072A ENA Series Network Analyzer
E5071C KEYSIGHT-E5071C Datasheet
2Mb / 54P
   E5071C ENA Network Analyzer
E5061B KEYSIGHT-E5061B Datasheet
3Mb / 35P
   Network Analyzer
logo
JDS Uniphase Corporatio...
DA3600A JDSU-DA3600A Datasheet
505Kb / 6P
   Data Network Analyzer
logo
Agilent(Hewlett-Packard...
8757D HP-8757D Datasheet
296Kb / 14P
   Scalar Network Analyzer
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com