Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5080A Datasheet(PDF) 27 Page - Keysight Technologies

Part # E5080A
Description  E5080A ENA Series Network Analyzer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5080A Datasheet(HTML) 27 Page - Keysight Technologies

Back Button E5080A Datasheet HTML 20Page - Keysight Technologies E5080A Datasheet HTML 21Page - Keysight Technologies E5080A Datasheet HTML 22Page - Keysight Technologies E5080A Datasheet HTML 23Page - Keysight Technologies E5080A Datasheet HTML 24Page - Keysight Technologies E5080A Datasheet HTML 25Page - Keysight Technologies E5080A Datasheet HTML 26Page - Keysight Technologies E5080A Datasheet HTML 27Page - Keysight Technologies E5080A Datasheet HTML 28Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27 | Keysight | E5080A ENA Series Network Analyzer, E5092A Configurable Multiport Test Set - Data Sheet
Figure 15. DC control line (E5092A-020)
Figure 16. Control line pin assignment (E5092A-020)
Control Line 1 (Group A)
Control Line 2 (Group A)
Control Line 3 (Group A)
Control Line 4 (Group A)
Control Line 8 (Group A)
:
Control Line 2 (Group B)
Control Line 3 (Group B)
Control Line 4 (Group B)
Control Line 1 (Group B)
Control Line 1 (Group C)
Control Line 2 (Group C)
Control Line 3 (Group C)
Control Line 4 (Group C)
Control Line 1 (Group D)
Control Line 2 (Group D)
Control Line 3 (Group D)
Control Line 4 (Group D)
:
:
DC Source (Group A)
Control Line 1 (Group A)
DC Source (Group B)
DC Source (Group C)
DC Source (Group D)
Control Line 2 (Group B)
Control Line 2 (Group C)
Control Line 2 (Group D)
Positive Input (High)
Negative Input (Low)
Positive Input (High)
Negative Input (Low)
Positive Input (High)
Negative Input (Low)
DC Source Output
DC Source Output
DC Source Output
DC Source Output
Impedance
Negative Input
(Low)
Max Current
Positive Input
(High)
Output
Impedance
Output
Voltage


Similar Part No. - E5080A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
E508001 BELDEN-E508001 Datasheet
96Kb / 2P
   Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
E508001010S1 BELDEN-E508001010S1 Datasheet
96Kb / 2P
   Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
More results

Similar Description - E5080A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5063A KEYSIGHT-E5063A Datasheet
3Mb / 23P
   ENA Series Network Analyzer
E5072A KEYSIGHT-E5072A Datasheet
5Mb / 23P
   E5072A ENA Series Network Analyzer
E5071C KEYSIGHT-E5071C Datasheet
2Mb / 54P
   E5071C ENA Network Analyzer
E5061B KEYSIGHT-E5061B Datasheet
3Mb / 35P
   Network Analyzer
logo
JDS Uniphase Corporatio...
DA3600A JDSU-DA3600A Datasheet
505Kb / 6P
   Data Network Analyzer
logo
Agilent(Hewlett-Packard...
8757D HP-8757D Datasheet
296Kb / 14P
   Scalar Network Analyzer
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com