Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF412CN Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF412CN
Description  Low Offset, Low Drift Dual JFET Input Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF412CN Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LF412CN Datasheet HTML 4Page - National Semiconductor (TI) LF412CN Datasheet HTML 5Page - National Semiconductor (TI) LF412CN Datasheet HTML 6Page - National Semiconductor (TI) LF412CN Datasheet HTML 7Page - National Semiconductor (TI) LF412CN Datasheet HTML 8Page - National Semiconductor (TI) LF412CN Datasheet HTML 9Page - National Semiconductor (TI) LF412CN Datasheet HTML 10Page - National Semiconductor (TI) LF412CN Datasheet HTML 11Page - National Semiconductor (TI) LF412CN Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical Performance Characteristics (Continued)
Inverter Settling Time
00565630
Pulse Response R
L=2 k
Ω,C
L=10 pF
Small Signal Inverting
Small Signal Non-Inverting
00565636
00565637
Large Signal Inverting
Large Signal Non-Inverting
00565638
00565639
www.national.com
8


Similar Part No. - LF412CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF412CN TI1-LF412CN Datasheet
1Mb / 16P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412CN TI1-LF412CN Datasheet
3Mb / 22P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
LF412CN/NOPB TI1-LF412CN/NOPB Datasheet
3Mb / 22P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
More results

Similar Description - LF412CN

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
logo
Texas Instruments
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
[Old version datasheet]   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
LF412-N TI-LF412-N Datasheet
3Mb / 17P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412JAN TI1-LF412JAN Datasheet
1Mb / 16P
[Old version datasheet]   LF412JAN Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412QML TI1-LF412QML Datasheet
1Mb / 18P
[Old version datasheet]   LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412 TI1-LF412 Datasheet
1Mb / 16P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com