Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN7150 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PN7150
Description  High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN7150 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PN7150 Datasheet HTML 35Page - NXP Semiconductors PN7150 Datasheet HTML 36Page - NXP Semiconductors PN7150 Datasheet HTML 37Page - NXP Semiconductors PN7150 Datasheet HTML 38Page - NXP Semiconductors PN7150 Datasheet HTML 39Page - NXP Semiconductors PN7150 Datasheet HTML 40Page - NXP Semiconductors PN7150 Datasheet HTML 41Page - NXP Semiconductors PN7150 Datasheet HTML 42Page - NXP Semiconductors PN7150 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
PN7150
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.3 — 4 July 2016
39 of 55
NXP Semiconductors
PN7150
Full NFC Forum-compliant controller with integrated firmware
14.3.3
Pin characteristics for IRQ and CLK_REQ
[1]
Activated in HPD and Monitor states.
14.3.4 Input pin characteristics for RXN and RXP
Table 38.
pin characteristics for IRQ and CLK_REQ
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output
voltage
IOH <3mA
VDD(PAD)  0.4
-
VDD(PAD) V
VOL
LOW-level output
voltage
IOL <3mA
0
-
0.4
V
CL
load capacitance
-
-
20
pF
tf
fall time
CL =12pF max
high speed
1
-
3.5
ns
slow speed
2
-
10
ns
tr
rise time
CL =12pF max
high speed
1
-
3.5
ns
slow speed
2
-
10
ns
Rpd
pull-down resistance
[1] 0.35
-
0.85
M
Table 39.
Input pin characteristics for RXN and RXP
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VRXN(i)
RXN input voltage
0
-
VDD
V
VRXP(i)
RXP input voltage
0
-
VDD
V
Ci(RXN)
RXN input capacitance
-
12
-
pF
Ci(RXP)
RXP input capacitance
-
12
-
pF
Zi(RXN-VDDMI
D)
input impedance between
RXN and VDD(MID)
Reader, Card and
P2P modes
0-
15
k
Zi(RXP-VDDMID
)
input impedance between
RXP and VDD(MID)
Reader, Card and
P2P modes
0-
15
k
Vi(dyn)(RXN)
RXN dynamic input voltage
Miller coded
106 kbit/s
-
150
200
mV(p-p)
212 kbit/s to
424 kbit/s
-
150
200
mV(p-p)
Vi(dyn)(RXP)
RXP dynamic input voltage
Miller coded
106 kbit/s
-
150
200
mV(p-p)
212 kbit/s to
424 kbit/s
-
150
200
mV(p-p)
Vi(dyn)(RXN)
RXN dynamic input voltage
Manchester, NRZ
or BPSK coded;
106
kbit/s to 848 kbit/s
-
150
200
mV(p-p)
Vi(dyn)(RXP)
RXP dynamic input voltage
Manchester, NRZ
or BPSK coded;
106
kbit/s to 848 kbit/s
-
150
200
mV(p-p)


Similar Part No. - PN7150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN/C110XX NXP-PN7150B0HN/C110XX Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150B0UK/C110XX NXP-PN7150B0UK/C110XX Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150 NXP-PN7150_V01 Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
More results

Similar Description - PN7150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220 NXP-PN7220_V01 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.1 - 20 September 2023
PN7120 NXP-PN7120 Datasheet
537Kb / 58P
   NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.5-11 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com