Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN7150 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PN7150
Description  High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN7150 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PN7150 Datasheet HTML 32Page - NXP Semiconductors PN7150 Datasheet HTML 33Page - NXP Semiconductors PN7150 Datasheet HTML 34Page - NXP Semiconductors PN7150 Datasheet HTML 35Page - NXP Semiconductors PN7150 Datasheet HTML 36Page - NXP Semiconductors PN7150 Datasheet HTML 37Page - NXP Semiconductors PN7150 Datasheet HTML 38Page - NXP Semiconductors PN7150 Datasheet HTML 39Page - NXP Semiconductors PN7150 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
PN7150
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.3 — 4 July 2016
36 of 55
NXP Semiconductors
PN7150
Full NFC Forum-compliant controller with integrated firmware
[1]
Refer to Section 10.1.2 for the description of the power modes.
[2]
This is the same value for VBAT = 2.3 V when the monitor threshold is set to 2.3 V.
14.2 Functional block electrical characteristics
14.2.1 Battery voltage monitor characteristics
14.2.2 Reset via VEN
14.2.3 Power-up timings
14.2.4 Power-down timings
14.2.5 I2C-bus timings
Here below are timings and frequency specifications.
Table 27.
Battery voltage monitor characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Vth
threshold voltage
set to 2.3 V
2.15
2.3
2.45
V
set to 2.75 V
2.6
2.75
2.9
V
Vhys
hysteresis voltage
100
150
200
mV
Table 28.
Reset timing
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tW(VEN)
VEN pulse width
to reset
10
-
-
s
tboot
boot time
-
-
2.5
ms
Table 29.
Power-up timings
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tt(VBAT-VEN)
transition time from pin VBAT
to pin VEN
VBAT, VEN
voltage = HIGH
00.5
-
ms
tt(VDDPAD-VEN)
transition time from pin
VDD(PAD) to pin VEN
VDD(PAD), VEN
voltage = HIGH
00.5
-
ms
tt(VBAT-VDDPAD)
transition time from pin VBAT
to pin VDD(PAD)
VBAT,
VDD(PAD) = HIGH
00.5
-
ms
Table 30.
Power-down timings
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVBAT(L)
time VBAT LOW
20
--ms


Similar Part No. - PN7150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN/C110XX NXP-PN7150B0HN/C110XX Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150B0UK/C110XX NXP-PN7150B0UK/C110XX Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150 NXP-PN7150_V01 Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
More results

Similar Description - PN7150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220 NXP-PN7220_V01 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.1 - 20 September 2023
PN7120 NXP-PN7120 Datasheet
537Kb / 58P
   NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.5-11 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com