Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9848PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9848PW
Description  8-channel ultra-low voltage, Fm I2C-bus switch with reset
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9848PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9848PW Datasheet HTML 3Page - NXP Semiconductors PCA9848PW Datasheet HTML 4Page - NXP Semiconductors PCA9848PW Datasheet HTML 5Page - NXP Semiconductors PCA9848PW Datasheet HTML 6Page - NXP Semiconductors PCA9848PW Datasheet HTML 7Page - NXP Semiconductors PCA9848PW Datasheet HTML 8Page - NXP Semiconductors PCA9848PW Datasheet HTML 9Page - NXP Semiconductors PCA9848PW Datasheet HTML 10Page - NXP Semiconductors PCA9848PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PCA9848
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 15 December 2014
7 of 32
NXP Semiconductors
PCA9848
8-channel ultra-low voltage, Fm+ I2C-bus switch with reset
6.2.1 Software Reset
The Software Reset Call allows all the devices in the I2C-bus to be reset to the power-up
state value through a specific formatted I2C-bus command. To be performed correctly, it
implies that the I2C-bus is functional and that there is no device hanging the bus.
The Software Reset sequence is defined as following:
1. A START command is sent by the I2C-bus master.
2. The reserved General Call I2C-bus address ‘0000 000’ with the R/W bit set to 0 (write)
is sent by the I2C-bus master.
3. The device acknowledges after seeing the General Call address ‘0000 0000’ (00h)
only. If the R/W bit is set to 1 (read), no acknowledge is returned to the I2C-bus
master.
4. Once the General Call address has been sent and acknowledged, the master sends
1 byte. The value of the byte must be equal to 06h.
a. The device acknowledges this value only. If the byte is not equal to 06h, the device
does not acknowledge it.
If more than 1 byte of data is sent, the device does not acknowledge any more.
5. Once the right byte has been sent and correctly acknowledged, the master sends a
STOP command to end the Software Reset sequence: the device then resets to the
default value (power-up value) and is ready to be addressed again within the specified
bus free time. If the master sends a Repeated START instead, no reset is performed.
The I2C-bus master must interpret a non-acknowledge from the device (at any time) as a
‘Software Reset Abort’. The device does not initiate a reset of its registers.
The unique sequence that initiates a Software Reset is described in Figure 7.
Fig 7.
Software Reset sequence
aaa-011779
0
0
0
0
0
0
0
A
S
0
SWRST Call I2C-bus address
START condition
R/W
acknowledge
from slave(s)
0
0
0
0
1
1
0
0
SWRST data = 06h
A
acknowledge
from slave(s)
P
PCA9848 is reset.
Registers are set to default power-up values.


Similar Part No. - PCA9848PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9848PW NXP-PCA9848PW Datasheet
430Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.0 - 16 May 2023
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
PCA9848PWJ NXP-PCA9848PWJ Datasheet
430Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.0 - 16 May 2023
PCA9848PWJ NXP-PCA9848PWJ Datasheet
369Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
More results

Similar Description - PCA9848PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9848 NXP-PCA9848 Datasheet
430Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.0 - 16 May 2023
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
PCA9848BS NXP-PCA9848BS Datasheet
385Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.2 - 23 October 2023
PCA9846PWJ NXP-PCA9846PWJ Datasheet
961Kb / 32P
   4-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-9 November 2015
PCA9847 NXP-PCA9847 Datasheet
427Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847PWJ NXP-PCA9847PWJ Datasheet
1Mb / 31P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-9 November 2015
PCA9849PWJ NXP-PCA9849PWJ Datasheet
968Kb / 30P
   4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-16 November 2015
PCA9849 NXP-PCA9849 Datasheet
449Kb / 27P
   4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com