Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9849PWJ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9849PWJ
Description  4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9849PWJ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9849PWJ Datasheet HTML 7Page - NXP Semiconductors PCA9849PWJ Datasheet HTML 8Page - NXP Semiconductors PCA9849PWJ Datasheet HTML 9Page - NXP Semiconductors PCA9849PWJ Datasheet HTML 10Page - NXP Semiconductors PCA9849PWJ Datasheet HTML 11Page - NXP Semiconductors PCA9849PWJ Datasheet HTML 12Page - NXP Semiconductors PCA9849PWJ Datasheet HTML 13Page - NXP Semiconductors PCA9849PWJ Datasheet HTML 14Page - NXP Semiconductors PCA9849PWJ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PCA9849
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 16 November 2015
11 of 30
NXP Semiconductors
PCA9849
4-channel ultra-low voltage, Fm+ I2C-bus multiplexer with reset
6.7 Voltage level translation between I2C-buses
Today’s complex systems often use multiple power supplies to maximize power savings
and to meet the operating specifications of the devices used. This means that various
I2C-buses are also operating at differing voltage levels and cannot simply connect
together. In addition, modern microcontrollers operate down to 0.8 V to save power,
further complicating the connection of I2C-buses.
The PCA9849 is specifically designed to seamlessly handle these voltage level translation
issues. Any combination of bus voltages can be intermixed on the PCA9849 and correctly
translated to the other bus at Fm+ (1 MHz) speed.
Figure 14 shows a typical application. The microcontroller acts as the master and
operates at 0.8 V with its I2C-bus swinging between 0 V and 0.8 V. The temperature
sensor on channel 0 of the PCA9849 has a operates at 3.3 V, while the GPIO Expander
on channel 1 operates down to 1.8 V to interface with chip select and reset inputs on
various other ICs also operating at 1.8 V. Channel 2 of the PCA9849 is connected to the
I2C-bus of a power management device, operating at 2.5 V. The other channels of
PCA9849 are simply left unconnected.
VDD1 of the PCA9849 is a bias supply and is set at the lowest bus voltage, or 0.8 V of the
microcontroller. VDD1 sets the input switching points of each SCL and SDA at 0.3  VDD1
for a LOW level and 0.7
 V
DD1 for a HIGH level.
VDD2 is the core logic supply from which most of the PCA9849 circuitry runs. It must be at
least 0.8 V larger than VDD1 to allow proper operation of the pass transistor switches.
Since VDD1 is 0.8 V, VDD2 must be greater than 1.6 V. Since the GPIO Expander on
channel 1 is running at 1.8 V, an adequate power supply is available.
The I2C-bus is open-drain, so pull-up resistors are needed on each I2C-bus segment. This
is where the voltage level translation happens. The pass transistor internal to the
PCA9849 limit the output voltage to VDD1 which is the lowest bus voltage. The pull-up
resistors will then limit the HIGH level of each bus segment to the power supply of the
devices on that segment. Note that the pull-up resistors on channel 0 are connected to
3.3 V, the and resistors on channel 1 are connected to 1.8 V, while the resistors on
channel 2 are connected to 2.5 V — effectively translating the 0.8 V signal swing of the
microcontroller to the correct voltage level for each peripheral.
Fig 13. Power-on reset voltage (VPOR)
aaa-014363
POR
time
VDD2
time
VPOR (rising VDD2)
VPOR (falling VDD2)


Similar Part No. - PCA9849PWJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9849PWJ NXP-PCA9849PWJ Datasheet
449Kb / 27P
   4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
More results

Similar Description - PCA9849PWJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9849 NXP-PCA9849 Datasheet
449Kb / 27P
   4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847 NXP-PCA9847 Datasheet
427Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847PWJ NXP-PCA9847PWJ Datasheet
1Mb / 31P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-9 November 2015
PCA9846PWJ NXP-PCA9846PWJ Datasheet
961Kb / 32P
   4-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-9 November 2015
PCA9848 NXP-PCA9848 Datasheet
430Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.0 - 16 May 2023
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
PCA9848BS NXP-PCA9848BS Datasheet
385Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.2 - 23 October 2023
PCA9848PWJ NXP-PCA9848PWJ Datasheet
1,018Kb / 32P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-15 December 2014
logo
Texas Instruments
PCA9547 TI-PCA9547 Datasheet
140Kb / 26P
[Old version datasheet]   8-channel I2C-bus multiplexer with reset
logo
NXP Semiconductors
PCA9547 NXP-PCA9547 Datasheet
150Kb / 26P
   8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com