Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5120EVM-151 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS5120EVM-151
Description  DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5120EVM-151 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5120EVM-151 Datasheet HTML 7Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 8Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 9Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 10Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 11Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 12Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 13Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 14Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TPS5120
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SLVS278E – AUGUST 2000 – REVISED MARCH 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
TJ – Junction Temperature – °C
QUIESCENT CURRENT
vs
JUNCTION TEMPERATURE
1.05
1.10
1.15
1.20
1.25
1.30
–50
0
50
100
150
VCC = 28 V
VCC = 7 V
VCC = 4.5 V
QUIESCENT CURRENT (SHUTDOWN)
vs
JUNCTION TEMPERATURE
0
200
400
600
800
1000
1200
–50
0
50
100
150
VCC = 28 V
VCC = 7 V
VCC = 4.5 V
TJ – Junction Temperature – °C
Figure 3
Figure 4
DRIVE OUTPUT CURRENT (OUT_u)
vs
DRIVE OUTPUT VOLTAGE
–1.80
–1.70
–1.60
–1.50
–1.40
–1.30
–1.20
–1.10
–1.00
–0.90
–0.80
0.5
1
1.5
2
2.5
3
3.5
TJ = –40 °C
TJ = –20 °C
TJ = 25 °C
TJ = 85 °C
TJ = 125 °C
VO – Drive Output Voltage (OUT_u) – V
Figure 5
vs
DRIVE OUTPUT VOLTAGE
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.5
2
2.5
3
3.5
4
4.5
TJ = –40 °C
TJ = 25 °C
TJ = –20 °C
TJ = 85 °C
TJ = 125 °C
VO – Drive Output Voltage (OUT_u) – V
DRIVE OUTPUT CURRENT (OUT_u)


Similar Part No. - TPS5120EVM-151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI1-TPS5120 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS51200 TI-TPS51200 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200 TI1-TPS51200 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results

Similar Description - TPS5120EVM-151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com