Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET-D75LE20 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ET-D75LE20
Description  3-Chip DLP??Projector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ET-D75LE20 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ET-D75LE20 Datasheet HTML 2Page - Panasonic Semiconductor ET-D75LE20 Datasheet HTML 3Page - Panasonic Semiconductor ET-D75LE20 Datasheet HTML 4Page - Panasonic Semiconductor ET-D75LE20 Datasheet HTML 5Page - Panasonic Semiconductor ET-D75LE20 Datasheet HTML 6Page - Panasonic Semiconductor ET-D75LE20 Datasheet HTML 7Page - Panasonic Semiconductor ET-D75LE20 Datasheet HTML 8Page - Panasonic Semiconductor ET-D75LE20 Datasheet HTML 9Page - Panasonic Semiconductor ET-D75LE20 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Standard setting-up position
Caution :
• All construction work should be done by a qualified technician.
• When mounting to the ceiling, use the special mounting bracket.
Furthermore, in order to prevent it from falling down from the ceiling, use the supplied wire on the mounting bracket.
Projected image
Lower edge of projected image
Upper edge of projected image
Projected image
L
L
L
unit : mm (inch)
*1 When the lens protrudes to the
maximum.
212 mm (8-11/32) with the ET-D75LE6
125 mm (4-29/32) with the ET-D75LE10
121 mm (4-3/4) with the ET-D75LE20
121 mm (4-3/4) with the ET-D75LE30
124 mm (4-7/8) with the ET-D75LE40
254 mm (10) with the ET-D75LE8
203 mm (8) with the ET-D75LE50
*2 Adjustable in 40 mm (1-9/16) steps.
NOTE:
Illustrations show the projector installed
using optional ceiling mount bracket
ET-PKD520H/ET-PKD520B and an optional
lens.This illustration is not drawn to scale.
If the ET-D75LE90 is attached, refer to the projection
system dimension drawing and the projection distance
table for ET-D75LE90 specications.
*1
60.5
(12-3/8)
100
(3-15/16)
100
(3-15/16)
427
(16-13/16)
298
(11-23/32)
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
6/14
SFD15M030


Similar Part No. - ET-D75LE20

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ET-D75LE20 PANASONIC-ET-D75LE20 Datasheet
671Kb / 2P
   Zoom Lens
ET-D75LE20 PANASONIC-ET-D75LE20 Datasheet
2Mb / 19P
   3-Chip DLP??Projector
More results

Similar Description - ET-D75LE20

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-DW17K2 PANASONIC-PT-DW17K2 Datasheet
1Mb / 11P
   3-Chip DLP??Projector
PT-DS12K PANASONIC-PT-DS12K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K PANASONIC-PT-DZ16K Datasheet
2Mb / 14P
   3-Chip DLP Projector
PT-DW11K PANASONIC-PT-DW11K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K2 PANASONIC-PT-DZ16K2 Datasheet
1Mb / 12P
   3-Chip DLP??Projector
PT-DZ21K PANASONIC-PT-DZ21K Datasheet
1Mb / 19P
   3-Chip DLP Projector
PT-RQ13K PANASONIC-PT-RQ13K Datasheet
2Mb / 19P
   3-Chip DLP??Projector
PT-DS20K PANASONIC-PT-DS20K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DS20K2 PANASONIC-PT-DS20K2 Datasheet
1Mb / 13P
   3-Chip DLP Projector
PT-DZ21K2 PANASONIC-PT-DZ21K2 Datasheet
1Mb / 14P
   3-Chip DLP??Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com