Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET-D75LE10 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ET-D75LE10
Description  3-Chip DLP??Projector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ET-D75LE10 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ET-D75LE10 Datasheet HTML 6Page - Panasonic Semiconductor ET-D75LE10 Datasheet HTML 7Page - Panasonic Semiconductor ET-D75LE10 Datasheet HTML 8Page - Panasonic Semiconductor ET-D75LE10 Datasheet HTML 9Page - Panasonic Semiconductor ET-D75LE10 Datasheet HTML 10Page - Panasonic Semiconductor ET-D75LE10 Datasheet HTML 11Page - Panasonic Semiconductor ET-D75LE10 Datasheet HTML 12Page - Panasonic Semiconductor ET-D75LE10 Datasheet HTML 13Page - Panasonic Semiconductor ET-D75LE10 Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
H
(Width of
projected image)
0.2H
0.2H
Standard postition of projected image
Shift range
Optical axis shift function allows to shift the position of a projected image as shown below.
When the lens except the ET-D75LE6 is mounted
H
(Width of
projected image)
0.15H
0.15H
Standard postition of projected image
When the ET-D75LE6 is mounted
NOTE: Because the ET-D75LE50 is a fixed short-throw lens, the lens shift function cannot be used with it.
Installable angle
Install the projector at an angle within the range shown below.
Vertical 360-deg.
FULL 360-degree projection
Horizontal 360-deg.
Tilting 360-deg.
(V&H combination)
360°
360°
360°
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
10/14
SFD15M030


Similar Part No. - ET-D75LE10

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ET-D75LE10 PANASONIC-ET-D75LE10 Datasheet
639Kb / 2P
   Zoom Lens
ET-D75LE10 PANASONIC-ET-D75LE10 Datasheet
2Mb / 19P
   3-Chip DLP??Projector
More results

Similar Description - ET-D75LE10

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-DW17K2 PANASONIC-PT-DW17K2 Datasheet
1Mb / 11P
   3-Chip DLP??Projector
PT-DS12K PANASONIC-PT-DS12K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K PANASONIC-PT-DZ16K Datasheet
2Mb / 14P
   3-Chip DLP Projector
PT-DW11K PANASONIC-PT-DW11K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K2 PANASONIC-PT-DZ16K2 Datasheet
1Mb / 12P
   3-Chip DLP??Projector
PT-DZ21K PANASONIC-PT-DZ21K Datasheet
1Mb / 19P
   3-Chip DLP Projector
PT-RQ13K PANASONIC-PT-RQ13K Datasheet
2Mb / 19P
   3-Chip DLP??Projector
PT-DS20K PANASONIC-PT-DS20K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DS20K2 PANASONIC-PT-DS20K2 Datasheet
1Mb / 13P
   3-Chip DLP Projector
PT-DZ21K2 PANASONIC-PT-DZ21K2 Datasheet
1Mb / 14P
   3-Chip DLP??Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com